データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S99 データシート(PDF) 7 Page - Analog Devices

部品番号 AD2S99
部品情報  Programmable Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S99 データシート(HTML) 7 Page - Analog Devices

  AD2S99_15 Datasheet HTML 1Page - Analog Devices AD2S99_15 Datasheet HTML 2Page - Analog Devices AD2S99_15 Datasheet HTML 3Page - Analog Devices AD2S99_15 Datasheet HTML 4Page - Analog Devices AD2S99_15 Datasheet HTML 5Page - Analog Devices AD2S99_15 Datasheet HTML 6Page - Analog Devices AD2S99_15 Datasheet HTML 7Page - Analog Devices AD2S99_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. B
–7–
AD2S99
AD2S99/AD2S93 TYPICAL CONFIGURATION
Figure 5 shows a typical circuit configuration for the AD2S99
Oscillator and the AD2S93 LVDT-to-Digital Converter. The
maximum level of the A and B transducer input signals to the
AD2S93 should be 1 V rms
± 20%. All the analog ground sig-
nals should be star connected to the AD2S93 AGND pin. If
shielded twisted pair cables are used for the LVDT signals, the
shields should also be terminated at the AD2S93 AGND pin.
The SYNREF output of the AD2S99 cannot be used as the
REF input signal for the AD2S93. The zero crossing reference
for the AD2S93 should be taken from the primary winding of
the LVDT through a phase lead or lag network. The phase com-
pensation network ensures that the REF input is phase coherent
with the A and B input signals to the AD2S93.
NC = NO CONNECT
NC
SIN
NC
DGND
COS
EXC
EXC
NC
AGND
NC
19
3
1
2
20
4
5
8
6
7
12 13
911
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD2S99
4.7µF
4.7µF
0.1µF
0.1µF
SEC
PRI
LVDT
VDD
VSS
VDD
0.1µF
50k
4.7µF
0.1µF
4.7µF
VSS
SEL2 = GND
SEL1 = VSS
FOUT = 5kHz
VDD
NC = NO CONNECT
26
27
28
4
2
3
15
18
17
16
12
14
13
25 24
21 20 19
23 22
1
56
9
10
11
78
R2
C2
C1
C3
R5
R6
R7
C4
DMODOUT
B
A
PHASE
COMP
LOS
TOP VIEW
(Not to Scale)
AD2S93
B
NC
LOS
GAIN
DIFF
AGND
A
VSS
DGND
DIR
NULL
OVR
VDD
Figure 5. AD2S99 and AD2S93 Example Configuration


同様の部品番号 - AD2S99_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
   Programmable Oscillator
More results

同様の説明 - AD2S99_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
   Programmable Oscillator
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
   Programmable Oscillator
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
   Programmable Oscillator
REV. B
logo
Golledge Electronics Lt...
EXO3C GOLLEDGE-EXO3C Datasheet
60Kb / 1P
   Programmable Oscillator
logo
ECS, Inc.
ECS-P33 ECS-ECS-P33 Datasheet
127Kb / 1P
   Programmable OSCILLATOR
ECS-P73 ECS-ECS-P73_14 Datasheet
132Kb / 2P
   SMD PROGRAMMABLE OSCILLATOR
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
auris-GmbH
APQO08 AURIS-APQO08 Datasheet
64Kb / 1P
   Oscillator THT, programmable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com