データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4032-B1-FM データシート(PDF) 2 Page - Silicon Laboratories

部品番号 SI4032-B1-FM
部品情報  Frequency Range = 240??30 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4032-B1-FM データシート(HTML) 2 Page - Silicon Laboratories

  SI4032-B1-FM Datasheet HTML 1Page - Silicon Laboratories SI4032-B1-FM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EZRadioPRO
Copyright © 2009 by Silicon Laboratories
2.20.09
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si4032/31/30
ISM Transmitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage Range
Vdd
1.8
3.0
3.6
V
Power Saving Modes
IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
10
nA
IStandby
Register values retained, Main Digital
Regulator and RC Oscillator OFF
400
nA
ISleep
RC Oscillator ON, Register values
retained and Main Digital Regulator OFF
800
nA
TX Mode Current (Si4032)
ITX_+20
txpow[2:0] = 011 (+20 dBm),
VDD = 3.3 V
80
mA
ITX_+11
txpow[2:0] = 000 (+11 dBm),
VDD = 3.3 V
27
mA
TX Mode Current (Si4030/31)
ITX_+13
txpow[2:0] = 111 (+13 dBm),
VDD = 3.3 V
28
mA
ITX_+1
txpow[2:0] = 100 (+1 dBm),
VDD = 3.3 V
16
mA
Synthesizer Frequency
Range (Si4032/31)
FSYNTH-LB
Low Band
240
480
MHz
FSYNTH-HB
High Band
480
930
MHz
Synthesizer Frequency
Range (Si4030)
FSYNTH-HB
High Band
900
960
MHz
Synthesizer Frequency
Resolution
FRES-LB
Low Band
156.25
Hz
FRES-HB
High Band
312.5
Hz
Synthesizer Settling Time
tLOCK
Measured from leaving Ready mode with
XOSC running to any frequency includ-
ing VCO Calibration
200
µs
FSK Modulation Data Rate
DRFSK
1
128
kbps
OOK Modulation Data Rate
DROOK
1.2
40
kbps
Output Power Range (Si4032)
PTX
Power control by txpow[2:0]
+11
+20
dBm
Output Power Range
(Si4031/30)
PTX
Power control by txpow[2:0]
–8
+13
dBm
TX RF Output Steps
P
RF_OUT
Controlled by txpow[2:0] Register
3
dB
Operating Ambient Temperature
Range
TA
–40
85
°C
Selected Electrical Specifications
Pin Assignments
VDD_RF
1
2
3
4
15
14
13
12
6789
19 18 17
20
TX
NC
NC
SCLK
SDI
SDO
VDD_DIG
Metal
Paddle
511
VR_PA
NC
10
16
20-pin QFN Package Information


同様の部品番号 - SI4032-B1-FM

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4032-B1 ETC2-SI4032-B1 Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
logo
Silicon Laboratories
Si4032-B1 SILABS-Si4032-B1 Datasheet
1Mb / 58P
   Remote control
More results

同様の説明 - SI4032-B1-FM

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
KR Electronics, Inc.
2873 KR-2873 Datasheet
85Kb / 2P
   30 MHz Center Frequency
3123 KR-3123 Datasheet
105Kb / 3P
   30 MHz Center Frequency
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Mercury United Electron...
MW62 MERCURY-MW62 Datasheet
98Kb / 1P
   Wide frequency range : [ 200.01 MHz ~ 800.0 MHz ]
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Mercury United Electron...
MW572 MERCURY-MW572 Datasheet
97Kb / 1P
   Wide frequency range : [ 200.01 MHz ~ 800.0 MHz ]
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com