データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD565A データシート(PDF) 10 Page - Analog Devices

部品番号 AD565A
部品情報  High Speed 12-Bit Monolithic D/A Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD565A データシート(HTML) 10 Page - Analog Devices

Back Button AD565A_15 Datasheet HTML 4Page - Analog Devices AD565A_15 Datasheet HTML 5Page - Analog Devices AD565A_15 Datasheet HTML 6Page - Analog Devices AD565A_15 Datasheet HTML 7Page - Analog Devices AD565A_15 Datasheet HTML 8Page - Analog Devices AD565A_15 Datasheet HTML 9Page - Analog Devices AD565A_15 Datasheet HTML 10Page - Analog Devices AD565A_15 Datasheet HTML 11Page - Analog Devices AD565A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD565A/AD566A
REV.E
–10–
FIGURE 6. OTHER VOLTAGE RANGES
The AD566A can also be easily configured for a unipolar 0 V to
+5 V range or
±2.5 V and ±10 V bipolar ranges by using the
additional 5 k
Ω application resistor provided at the 20 V span R
terminal, Pin 11. For a 5 V span (0 V to +5 V or
±2.5 V), the two
5 k
Ω resistors are used in parallel by shorting Pin 11 to Pin 9 and
connecting Pin 10 to the op amp output and the bipolar offset
resistor either to ground for unipolar or to VREF for the bipolar
range. For the
±10 V range (20 V span), use the 5 kΩ resistors in
series by connecting only Pin 11 to the op amp output and the
bipolar offset connected as shown. The
±10 V option is shown
in Figure 6.
Table I. Digital Input Codes
DIGITAL INPUT
ANALOG OUTPUT
MSB
LSB
Straight Binary
Offset Binary
Twos Complement
*
0 0 0 0 0 0 0 0 0 0 0 0
Zero
–FS
Zero
0 1 1 1 1 1 1 1 1 1 1 1
Mid Scale – 1 LSB
Zero – 1 LSB
+FS – 1 LSB
1 0 0 0 0 0 0 0 0 0 0 0
+1/2 FS
Zero
–FS
1 1 1 1 1 1 1 1 1 1 1 1
+FS – l LSB
+FS – 1 LSB
Zero – 1 LSB
*Inverts the MSB of the offset binary code with an external inverter to obtain twos complement.
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
5k
10pF
AD509
2.4k
7.5V EREF
AD561
–V
REF
IN
R1
5k
14k
* THE PARALLEL COMBINATION OF THE BIPOLAR OFFSET RESISTOR
AND R3 ESTABLISHES A CURRENT TO BALANCE THE MSB CURRENT.
THE EFFECT OF TEMPERATURE COEFFICIENT MISMATCH BETWEEN
THE BIPOLAR RESISTOR COMBINATION AND DAC RESISTORS IS
EXPANDED ON PREVIOUS PAGE.
R3
26k *
Figure 6.
±10 V Voltage Output


同様の部品番号 - AD565A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
More results

同様の説明 - AD565A_15

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
   High Speed 12-Bit Monolithic D/A Converters
logo
Analog Devices
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
   High Speed 12-Bit Monolithic D/A Converters
REV. E
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
AD565A AD-AD565A Datasheet
152Kb / 11P
   High Speed 12-Bit Monolithic D/A Converters
REV. D
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
   High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
   High-speed, 12-bit A/D Converters
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com