データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD586 データシート(PDF) 10 Page - Analog Devices

部品番号 AD586
部品情報  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD586 データシート(HTML) 10 Page - Analog Devices

Back Button AD586_15 Datasheet HTML 6Page - Analog Devices AD586_15 Datasheet HTML 7Page - Analog Devices AD586_15 Datasheet HTML 8Page - Analog Devices AD586_15 Datasheet HTML 9Page - Analog Devices AD586_15 Datasheet HTML 10Page - Analog Devices AD586_15 Datasheet HTML 11Page - Analog Devices AD586_15 Datasheet HTML 12Page - Analog Devices AD586_15 Datasheet HTML 13Page - Analog Devices AD586_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD586
Rev. G | Page 10 of 16
Figure 18 shows the typical output voltage drift for the AD586L
and illustrates the test methodology. The box in Figure 18 is
bounded on the sides by the operating temperature extremes
and on the top and the bottom by the maximum and minimum
output voltages measured over the operating temperature
range. The slope of the diagonal drawn from the lower left to
the upper right corner of the box determines the performance
grade of the device.
–20
0
20
40
60
80
5.003
5.000
TEMPERATURE (
°C)

VMIN
VMAX
VMAX –VMIN
(TMAX –TMIN) × 5 × 10–6
SLOPE
TMIN
TMAX
SLOPE = T.C. =
=
= 4.3ppm/
°C
5.0027 – 5.0012
(70
°C – 0) × 5 × 10–6
Figure 18. Typical AD586L Temperature Drift
Each AD586J, AD586K, and AD586L grade unit is tested at 0°C,
25°C, and 70°C. Each AD586SQ and AD586TQ grade unit is
tested at −55°C, +25°C, and +125°C. This approach ensures that
the variations of output voltage that occur as the temperature
changes within the specified range will be contained within a
box whose diagonal has a slope equal to the maximum specified
drift. The position of the box on the vertical scale will change
from device to device as initial error and the shape of the curve
vary. The maximum height of the box for the appropriate tem-
perature range and device grade is shown in Table 5. Dupli-
cation of these results requires a combination of high accuracy
and stable temperature control in a test system. Evaluation of
the AD586 will produce a curve similar to that in Figure 18, but
output readings could vary depending on the test methods and
equipment used.
Table 5. Maximum Output Change in mV
Maximum Output Change (mV)
Device
Grade
0°C to 70°C
−40°C to +85°C
−55°C to +125°C
AD586J
8.75
AD586K
5.25
AD586L
1.75
AD586M
0.70
AD586A
9.37
AD586B
3.12
AD586S
18.00
AD586T
9.00
NEGATIVE REFERENCE VOLTAGE FROM AN AD586
The AD586 can be used to provide a precision −5.000 V output,
as shown in Figure 19. The VIN pin is tied to at least a 6 V supply,
the output pin is grounded, and the AD586 ground pin is con-
nected through a resistor, RS, to a −15 V supply. The −5 V output
is now taken from the ground pin (Pin 4) instead of VOUT. It is
essential to arrange the output load and the supply resistor, RS,
so that the net current through the AD586 is between 2.5 mA
and 10.0 mA. The temperature characteristics and long-term
stability of the device will be essentially the same as that of a
unit used in the standard +5 V output configuration.
AD586
GND
+6V
→ +30V
2.5mA <
–IL < 10mA
10V
RS
–5V
RS
VOUT
VIN
IL
–15V
2
4
6
Figure 19. AD586 as a Negative 5 V Reference
USING THE AD586 WITH CONVERTERS
The AD586 is an ideal reference for a wide variety of 8-, 12-, 14-,
and 16-bit ADCs and DACs. Several representative examples are
explained in the following sections.


同様の部品番号 - AD586_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD586A AD-AD586A Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

同様の説明 - AD586_15

メーカー部品番号データシート部品情報
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com