データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF2450E0805RT データシート(PDF) 1 Page - Frontier Electronics.

部品番号 BF2450E0805RT
部品情報  Surface mount balun filter with a small size of 2.0 X 1.2 X 1.1 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BF2450E0805RT データシート(HTML) 1 Page - Frontier Electronics.

  BF2450E0805RT Datasheet HTML 1Page - Frontier Electronics. BF2450E0805RT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BF2450E0805RT BALUN FILTER SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount balun filter with a small size of 2.0 X 1.2 X 1.1 mm, RoHS compliant.
2.
Provide low insertion loss, high rejection rate and 2
nd harmonic suppression.
3.
Highly stable under temperature and humidity changes.
4.
Superior performance in a compact size, DC bias option provided.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
PCB DESIGN/LAYOUT CONSIDERATION
P/N BF2450E0805RT
Specification
Frequency range
2450 ± 50 MHz
Insertion Loss
2.8 dB max
VSWR
2.0 max
Impedance (Unbalanced)
50 Ω
Impedance ( Balanced )
50
Phase Difference
180
°± 10°
Amplitude Difference
2 .0 dB Max
Attenuation ( min.)
30dB @ 880-960 MHz
30dB @ 1710-1880 MHz
20dB @ 1880-1990 MHz
30dB @ 4800-5000 MHz
Symbol
Dimension
(mm)
L
2.0 ± 0.15
W
1.25 ± 0.10
T
1.10 ± 0.10
A,E,F
0.20 ± 0.15
B
0.30 ± 0.10
C
0.35 ± 0.10
D
0.65 ± 0.10
G
0.55 ± 0.10
PIN
Definition
PIN
Definition
P1
Unbalanced Port
P5
Balanced Port
P2
DC/GND
P6
GND
P3
NC
P7
Balanced Port
P4
GND
P8
GND
Note:
- Unit in mm
- Design trace width to be 50
Ω impedance.
Unbalance Port
Frontier Electronics Corp.
®
Page: 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


同様の部品番号 - BF2450E0805RT

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF245 SIEMENS-BF245 Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
logo
Fairchild Semiconductor
BF245 FAIRCHILD-BF245 Datasheet
22Kb / 3P
   N-Channel Amplifiers
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
ON Semiconductor
BF245 ONSEMI-BF245 Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
logo
List of Unclassifed Man...
BF245A ETC2-BF245A Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - BF2450E0805RT

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
BF5400E0805AT FRONTIER-BF5400E0805AT Datasheet
279Kb / 2P
   Surface mount balun filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805JT FRONTIER-BM2450E0805JT Datasheet
246Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805NT FRONTIER-BM2450E0805NT Datasheet
246Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805PT FRONTIER-BM2450E0805PT Datasheet
227Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 1.0 mm, RoHS compliant.
BM2450E0805CT FRONTIER-BM2450E0805CT Datasheet
192Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BM2450E0805LT FRONTIER-BM2450E0805LT Datasheet
190Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.95 mm, RoHS compliant.
BM2450E0805AT FRONTIER-BM2450E0805AT Datasheet
209Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.5 mm, RoHS compliant.
BM2450E0805FT FRONTIER-BM2450E0805FT Datasheet
197Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805HT FRONTIER-BM2450E0805HT Datasheet
250Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BM2450E0805BT FRONTIER-BM2450E0805BT Datasheet
202Kb / 2P
   Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com