データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD597 データシート(PDF) 3 Page - Analog Devices

部品番号 AD597
部品情報  THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD597 データシート(HTML) 3 Page - Analog Devices

  AD597_15 Datasheet HTML 1Page - Analog Devices AD597_15 Datasheet HTML 2Page - Analog Devices AD597_15 Datasheet HTML 3Page - Analog Devices AD597_15 Datasheet HTML 4Page - Analog Devices AD597_15 Datasheet HTML 5Page - Analog Devices AD597_15 Datasheet HTML 6Page - Analog Devices AD597_15 Datasheet HTML 7Page - Analog Devices AD597_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD596/AD597
REV. B
–3–
Table I. Output Voltage vs. Thermocouple Temperature (Ambient +60 C, VS = –5 V, +15 V)
Thermocouple
Type J
AD596
Type K
AD597
Temperature
Voltage
Output
Voltage
Output
C
mV
mVmVmV
–200
–7.890
–1370
–5.891
–1446
–180
–7.402
–1282
–5.550
–1362
–160
–6.821
–1177
–5.141
–1262
–140
–6.159
–1058
–4.669
–1146
–120
–5.426
–925
–4.138
–1016
–100
–4.632
–782
–3.553
–872
–80
–3.785
–629
–2.920
–717
–60
–2.892
–468
–2.243
–551
–40
–1.960
–299
–1.527
–375
–20
–.995
–125
–.777
–191
–10
–.501
–36
–.392
–96
00
54
0
0
10
.507
146
.397
97
20
1.019
238
.798
196
25
1.277
285
1.000
245
30
1.536
332
1.203
295
40
2.058
426
1.611
395
50
2.585
521
2.022
496
60
3.115
617
2.436
598
80
4.186
810
3.266
802
100
5.268
1006
4.095
1005
120
6.359
1203
4.919
1207
140
7.457
1401
5.733
1407
160
8.560
1600
6.539
1605
180
9.667
1800
7.338
1801
200
10.777
2000
8.137
1997
220
11.887
2201
8.938
2194
240
12.998
2401
9.745
2392
260
14.108
2602
10.560
2592
280
15.217
2802
11.381
2794
300
16.325
3002
12.207
2996
320
17.432
3202
13.039
3201
340
18.537
3402
13.874
3406
360
19.640
3601
14.712
3611
380
20.743
3800
15.552
3817
400
21.846
3999
16.395
4024
420
22.949
4198
17.241
4232
440
24.054
4398
18.088
4440
460
25.161
4598
18.938
4649
480
26.272
4798
19.788
4857
Thermocouple
Type J
AD596
Type K
AD597
Temperature
Voltage
Output
Voltage
Output
CmV
mV
mV
mV
500
27.388
5000
20.640
5066
520
28.511
5203
21.493
5276
540
29.642
5407
22.346
5485
560
30.782
5613
23.198
5694
580
31.933
5821
24.050
5903
600
33.096
6031
24.902
6112
620
34.273
6243
25.751
6321
640
35.464
6458
26.599
6529
660
36.671
6676
27.445
6737
680
37.893
6897
28.288
6944
700
39.130
7120
29.128
7150
720
40.382
7346
29.965
7355
740
41.647
7575
30.799
7560
750
42.283
7689
31.214
7662
760
31.629
7764
780
32.455
7966
800
33.277
8168
820
34.095
8369
840
34.909
8569
860
35.718
8767
880
36.524
8965
900
37.325
9162
920
38.122
9357
940
38.915
9552
960
39.703
9745
980
40.488
9938
1000
41.269
10130
1020
42.045
10320
1040
42.817
10510
1060
43.585
10698
1080
44.439
10908
1100
45.108
11072
1120
45.863
11258
1140
46.612
11441
1160
47.356
11624
1180
48.095
11805
1200
48.828
11985
1220
49.555
12164
1240
50.276
12341
1250
50.633
12428


同様の部品番号 - AD597_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD597AH AD-AD597AH Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AR AD-AD597AR Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
More results

同様の説明 - AD597_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
2B50 AD-2B50_15 Datasheet
807Kb / 2P
   ISOLATED THERMOCOUPLE SIGNAL CONDITIONER
logo
Intronics Power, Inc.
2B50 INTRONICS-2B50 Datasheet
924Kb / 4P
   Isolated, Thermocouple Signal Conditioner
logo
List of Unclassifed Man...
2B50 ETC1-2B50 Datasheet
50Kb / 1P
   Isolated, Thermocouple Signal Conditioner
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
1B51 AD-1B51 Datasheet
255Kb / 4P
   Isolated mV/Thermocouple Signal Conditioner
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com