データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD605 データシート(PDF) 7 Page - Analog Devices

部品番号 AD605
部品情報  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD605 データシート(HTML) 7 Page - Analog Devices

Back Button AD605_15 Datasheet HTML 3Page - Analog Devices AD605_15 Datasheet HTML 4Page - Analog Devices AD605_15 Datasheet HTML 5Page - Analog Devices AD605_15 Datasheet HTML 6Page - Analog Devices AD605_15 Datasheet HTML 7Page - Analog Devices AD605_15 Datasheet HTML 8Page - Analog Devices AD605_15 Datasheet HTML 9Page - Analog Devices AD605_15 Datasheet HTML 10Page - Analog Devices AD605_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD605
Rev. F | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD605
VGN1
VPOS
FBK1
OUT1
VREF
–IN1
+IN1
GND1
OUT2
FBK2
VPOS
GND2
+IN2
–IN2
VGN2
VOCM
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VGN1
CH1 Gain Control Input and Power-Down Pin. If grounded, device is off; otherwise, positive voltage increases gain.
2
−IN1
CH1 Negative Input.
3
+IN1
CH1 Positive Input.
4
GND1
Ground.
5
GND2
Ground.
6
+IN2
CH2 Positive Input.
7
−IN2
CH2 Negative Input.
8
VGN2
CH2 Gain Control Input and Power-Down Pin. If grounded, device is off; otherwise, positive voltage increases gain.
9
VOCM
Input to This Pin Defines Common-Mode Voltage for OUT1 and OUT2.
10
OUT2
CH2 Output.
11
FBK2
Feedback Pin That Selects Gain Range of CH2.
12
VPOS
Positive Supply.
13
VPOS
Positive Supply.
14
FBK1
Feedback Pin That Selects Gain Range of CH1.
15
OUT1
CH1 Output.
16
VREF
Input to This Pin Sets Gain Scaling for Both Channels: 2.5 V = 20 dB/V and 1.67 V = 30 dB/V.


同様の部品番号 - AD605_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD605-00 ETC2-AD605-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605-EB AD-AD605-EB Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605A AD-AD605A Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
More results

同様の説明 - AD605_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com