データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD654 データシート(PDF) 2 Page - Analog Devices

部品番号 AD654
部品情報  Low Cost Monolithic Voltage-to-Frequency Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD654 データシート(HTML) 2 Page - Analog Devices

  AD654_15 Datasheet HTML 1Page - Analog Devices AD654_15 Datasheet HTML 2Page - Analog Devices AD654_15 Datasheet HTML 3Page - Analog Devices AD654_15 Datasheet HTML 4Page - Analog Devices AD654_15 Datasheet HTML 5Page - Analog Devices AD654_15 Datasheet HTML 6Page - Analog Devices AD654_15 Datasheet HTML 7Page - Analog Devices AD654_15 Datasheet HTML 8Page - Analog Devices AD654_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV.
AD654–SPECIFICATIONS
(TA = +25 C and VS (total) = 5 V to 16.5 V, unless otherwise noted. All testing done
@ VS = +5 V.)
AD654JN/JR
Model
Min
Typ
Max
Units
CURRENT-TO-FREQUENCY CONVERTER
Frequency Range
0
500
kHz
Nonlinearity1
fMAX = 250 kHz
0.06
0.1
%
fMAX = 500 kHz
0.20
0.4
%
Full-Scale Calibration Error
C = 390 pF, IIN = 1.000 mA
–10
+10
%
vs. Supply (fMAX
≤ 250 kHz)
VS = +4.75 V to +5.25 V
0.20
0.40
%/V
VS = +5.25 V to +16.5 V
0.05
0.10
%/V
vs. Temp (0
°C to +70°C)
50
ppm/
°C
ANALOG INPUT AMPLIFIER
(Voltage-to-Current Converter)
Voltage Input Range
Single Supply
0
(+VS – 4)
V
Dual Supply
–VS
(+VS – 4)
V
Input Bias Current
(Either Input)
30
50
nA
Input Offset Current
5
nA
Input Resistance (Noninverting)
250
M
Input Offset Voltage
0.5
1.0
mV
vs. Supply
VS = +4.75 V to +5.25 V
0.1
0.25
mV/V
VS = +5.25 V to +16.5 V
0.03
0.1
mV/V
vs. Temp (0
°C to +70°C)
4
µV/°C
OUTPUT INTERFACE (Open Collector Output)
(Symmetrical Square Wave)
Output Sink Current in Logic “0”
2
VOUT = 0.4 V max, +25
°C
10
20
mA
VOUT = 0.4 V max, 0
°C to +70°C5
10
mA
Output Leakage Current in Logic “1”
10
100
nA
0
°C to +70°C
50
500
nA
Logic Common Level Range
–VS
(+VS – 4)
V
Rise/Fall Times (CT = 0.01
µF)
IIN = 1 mA
0.2
µs
IIN = 1 µA1
µs
POWER SUPPLY
Voltage, Rated Performance
4.5
16.5
V
Voltage, Operating Range
Single Supply
4.5
36
V
Dual Supply
±5
±18
V
Quiescent Current
VS (Total) = 5 V
1.5
2.5
mA
VS (Total) = 30 V
2.0
3.0
mA
TEMPERATURE RANGE
Operating Range
–40
+85
°C
NOTES
1At f
MAX = 250 kHz; R T = 1 kΩ, CT = 390 pF, IIN = 0 mA–1 mA.
1At f
MAX = 500 kHz; R T = 1 kΩ, CT = 200 pF, IIN = 0 mA–1 mA.
2The sink current is the amount of current that can flow into Pin 1 of the AD654 while maintaining a maximum voltage of 0.4 V between Pin 1 and Logic Common.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
C


同様の部品番号 - AD654_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD654 AD-AD654_17 Datasheet
410Kb / 13P
   Low Cost Monolithic Voltage-to-Frequency Converter
More results

同様の説明 - AD654_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD654 AD-AD654_17 Datasheet
410Kb / 13P
   Low Cost Monolithic Voltage-to-Frequency Converter
AD654 AD-AD654 Datasheet
180Kb / 11P
   Low Cost Monolithic Voltage-to-Frequency Converter
REV. B
AD654JRZ AD-AD654JRZ Datasheet
359Kb / 12P
   Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_15 Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
   Monolithic Synchronous Voltage-to-Frequency Converter
AD652JPZ AD-AD652JPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD651 AD-AD651 Datasheet
1Mb / 16P
   Monolithic Synchronous Voltage-to-Frequency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com