データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD684 データシート(PDF) 6 Page - Analog Devices

部品番号 AD684
部品情報  Four-Channel Sample-and-Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD684 データシート(HTML) 6 Page - Analog Devices

  AD684_15 Datasheet HTML 1Page - Analog Devices AD684_15 Datasheet HTML 2Page - Analog Devices AD684_15 Datasheet HTML 3Page - Analog Devices AD684_15 Datasheet HTML 4Page - Analog Devices AD684_15 Datasheet HTML 5Page - Analog Devices AD684_15 Datasheet HTML 6Page - Analog Devices AD684_15 Datasheet HTML 7Page - Analog Devices AD684_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD684
REV. A
–6–
OP484
DYNAMIC PERFORMANCE
The AD684 is compatible with 12-bit A-to-D converters in
terms of both accuracy and speed. The fast acquisition time, fast
hold settling time and good output drive capability allow the
AD684 to be used with high speed, high resolution A-to-D
converters like the AD674 and AD7672. The AD684’s fast
acquisition time provides high throughput rates for multichannel
data acquisition systems. Typically, the sample and hold can
acquire a 10 V step in less than 750 ns. Figure 1 shows the
settling accuracy as a function of acquisition time.
Figure 1. VOUT Settling vs. Acquisition Time
The hold settling determines the required time, after the hold
command is given, for the output to settle to its final specified
accuracy. The typical settling behavior of the AD684 is shown
in Figure 2. The settling time of the AD684 is sufficiently fast to
allow the SHA, in most cases, to directly drive an A-to-D
converter without the need for an added “start convert” delay.
Figure 2. Typical AD684 Hold Mode
HOLD MODE OFFSET
The dc accuracy of the AD684 is determined primarily by the
hold mode offset. The hold mode offset refers to the difference
between the final held output voltage and the input signal at the
time the hold command is given. The hold mode offset arises from
a voltage error introduced onto the hold capacitor by charge injec-
tion of the internal switches. The nominal hold mode offset is
specified for a 0 V input condition. Over the input range of
–5 V to +5 V, the AD684 is also characterized for an effective gain
error and nonlinearity of the held value, as shown in Figure 3.
As indicated by the AD684 specifications, the hold mode offset is
very well matched between channels and stable over temperature.
Figure 3. Hold Mode Offset, Gain Error and Nonlinearity
For applications where it is important to obtain zero offset, the
hold mode offset may be nulled externally at the input to the
A-to-D converter. Adjustment of the offset may be accom-
plished through the A-to-D itself or by an external amplifier
with offset nulling capability (e.g., AD711). Only a single
adjustment of the offset is necessary for the four SHA channels as a
result of the excellent matching among them. The offset will
change less than 0.5 mV over the specified temperature range.
SUPPLY DECOUPLING AND GROUNDING
CONSIDERATIONS
As with any high speed, high resolution data acquisition system,
the power supplies should be well regulated and free from
excessive high frequency noise (ripple). The supply connection
to the AD684 should also be capable of delivering transient
currents to the device. To achieve the specified accuracy and
dynamic performance, decoupling capacitors must be placed
directly at both the positive and negative supply pins to common.
Ceramic type 0.1
µF capacitors should be connected from V
CC
and VEE to common.
Figure 4. Basic Grounding and Decoupling Diagram


同様の部品番号 - AD684_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD684AQ AD-AD684AQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684JQ AD-AD684JQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684SQ AD-AD684SQ Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
More results

同様の説明 - AD684_15

メーカー部品番号データシート部品情報
logo
Analog Devices
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com