データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1A60 データシート(PDF) 2 Page - Tiger Electronic Co.,Ltd

部品番号 KTA1A60
部品情報  4 Quadrants Sensitive TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTA1A60 データシート(HTML) 2 Page - Tiger Electronic Co.,Ltd

  KTA1A60 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KTA1A60 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KTA1A60 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
2
Thyristor
4 Quadrants Sensitive TRIACS
KTA1A60 / KTA1A80
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Note.1: Pulse Width ≤ 1.0ms, Duty Cycle ≤ 1%
Typical Characterisitics
Fig 1. R.M.S. current vs. Power dissipation
Fig 2. R.M.S. current vs. Case temperature
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
70
80
90
100
110
120
130
180o
150o
120o
90o
60o
30o
R.M.S. on state current, I
T(RMS) [A]
Parameter
Symbol
Min Typ. Max
Unit
Repetitive Peak Off-State Voltage
VDRM
KTT1A60
600
Repetitive Peak Reverse Voltage
VRRM
KTT1A80
800
TJ = 25℃
50
uA
TJ = 125℃
5
mA
TJ = 25℃
50
uA
TJ = 125℃
5
mA
On-state Voltage
VTM
1.2
1.6
1+,1-,3-
1.5
3+
2
1+,1-,3-
5
3+
12
Holding Current
IH
5
Critical Rate of rise of off-state Voltage
dV/dt
10
V/us
Non-Trigger Gate Voltage
(Note.1)
VGD
0.2
V
Repetitive Peak Reverse Current
Repetitive Peak Off-State Current
IDRM
IRRM
VD = 2/3 VDRM,TJ = 125℃
mA
VD = 12V, RL=330Ω, TJ=125℃
Sine wave, 50/60Hz, Gate open
V
IT=200mA
VDRM=VRRM
Test Conditions
IT=1.4A,IG=20mA
V
Gate Trigger Voltage
VGT
VD=12V, RL=330Ω
VD=12V, RL=330Ω
IGT
Gate Trigger Current
hFE Classification
Marking
NO
KTT1A60
KTT1A80
Marking
1A60
1A80


同様の部品番号 - KTA1A60

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF KEXIN-KTA1A60-HF Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results

同様の説明 - KTA1A60

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com