データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1A60 データシート(PDF) 3 Page - Tiger Electronic Co.,Ltd

部品番号 KTA1A60
部品情報  4 Quadrants Sensitive TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTA1A60 データシート(HTML) 3 Page - Tiger Electronic Co.,Ltd

  KTA1A60 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KTA1A60 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KTA1A60 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
3
Thyristor
4 Quadrants Sensitive TRIACS
KTA1A60 / KTA1A80
Typical Characterisitics
Fig 3. Gate power characteristics
Fig 4. Surge on state current rating
(Non-repetitive)
Fig 5. Gate trigger current vs.
junction temperature
Fig 6. Gate trigger voltage vs.
junction temperature
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
V+GT1
V-GT1
V+GT3
V-GT3
Junction temperature, T
J[
oC]
100
101
102
0
3
6
9
12
15
50Hz
60Hz
Time [cycles]
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I+GT3
Junction Temperature, T
J[
oC]
I+GT1
I-GT1
I-GT3
100
101
102
103
10-1
100
101
25[oC]
I+GT3
25[oC]
I+GT1
I-GT1
I-GT3
P
G(AV)(0.2W)
P
GM(2W)
V
GD
Gate current, I
G [mA]
Fig 7. Instantaneous on state current vs.
Instantaneous on state voltage
Fig 8. Thermal Impedance vs. pulse time
0
1
2
3
4
5
10-1
100
101
T
J=125
oC
Instantaneous on state voltage, V
T [V]
T
J=25
oC
10-2
10-1
100
101
100
101
102
103
Pulse Time [sec]
RS=0.16Ω
VTO=1.10V


同様の部品番号 - KTA1A60

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF KEXIN-KTA1A60-HF Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results

同様の説明 - KTA1A60

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com