データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD708 データシート(PDF) 10 Page - Analog Devices

部品番号 AD708
部品情報  Ultralow Offset Voltage Dual Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD708 データシート(HTML) 10 Page - Analog Devices

Back Button AD708_15 Datasheet HTML 6Page - Analog Devices AD708_15 Datasheet HTML 7Page - Analog Devices AD708_15 Datasheet HTML 8Page - Analog Devices AD708_15 Datasheet HTML 9Page - Analog Devices AD708_15 Datasheet HTML 10Page - Analog Devices AD708_15 Datasheet HTML 11Page - Analog Devices AD708_15 Datasheet HTML 12Page - Analog Devices AD708_15 Datasheet HTML 13Page - Analog Devices AD708_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD708
Rev. C | Page 10 of 16
THEORY OF OPERATION
CROSSTALK PERFORMANCE
The AD708 exhibits very low crosstalk as shown in Figure 25,
Figure 26, and Figure 27. Figure 25 shows the offset voltage
induced on Side B of the AD708 when Side A output is moving
slowly (0.2 Hz) from −10 V to +10 V under no load. This is the
least stressful situation to the part because the overall power in
the chip does not change. Only the location of the power in the
output device changes. Figure 26 shows the input offset voltage
change to Side B when Side A is driving a 2 kΩ load. Here the
power changes in the chip with the maximum power change
occurring at 7.5 V. Figure 27 shows crosstalk under the most
severe conditions. Side A is connected as a follower with
0 V input, and is forced to sink and source ±5 mA of output
current.
Power = (30 V)(5 mA) = 150 mW
Even this large change in power causes only an 8 μV (linear)
change in the input offset voltage of Side B.
VOUTA = 2V/DIV
2V
AVOUTA
VIN = ±10V
BVOUTB
10kΩ
10Ω
10Ω
Figure 25. Crosstalk with No Load
VOUTA = 2V/DIV
2V
AVOUTA
VIN = ±10V
BVOUTB
10kΩ
2kΩ
10Ω
10Ω
Figure 26. Crosstalk with 2 kΩ Load
INA = 1mA/DIV
2V
A
VIN = ±10V
IIN = ±5mA
BVOUTB
10kΩ
2kΩ
10Ω
10Ω
Figure 27. Crosstalk Under Forced Source and Sink Conditions


同様の部品番号 - AD708_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
More results

同様の説明 - AD708_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com