データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD712 データシート(PDF) 8 Page - Analog Devices

部品番号 AD712
部品情報  Precision, Low Cost, High Speed BiFET Dual Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD712 データシート(HTML) 8 Page - Analog Devices

Back Button AD712_15 Datasheet HTML 4Page - Analog Devices AD712_15 Datasheet HTML 5Page - Analog Devices AD712_15 Datasheet HTML 6Page - Analog Devices AD712_15 Datasheet HTML 7Page - Analog Devices AD712_15 Datasheet HTML 8Page - Analog Devices AD712_15 Datasheet HTML 9Page - Analog Devices AD712_15 Datasheet HTML 10Page - Analog Devices AD712_15 Datasheet HTML 11Page - Analog Devices AD712_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD712
Rev. H | Page 8 of 20
0
100
80
60
40
20
VS = ±15V
VCM = 1V p-p
25°C
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 14. Common-Mode Rejection vs. Frequency
30
25
0
15
10
5
20
FREQUENCY (Hz)
100k
1M
10M
RL = 2kΩ
25°C
VS = ±15V
Figure 15. Large Signal Frequency Response
–8
0.5
–6
–4
–2
0
4
6
8
10
2
–10
0.6
0.7
0.01%
0.1%
1%
0.01%
0.1%
1%
ERROR
0.8
0.9
1.0
SETTLING TIME (µs)
Figure 16. Output Swing and Error vs. Settling Time
FREQUENCY (Hz)
–70
–80
–90
–100
–110
–120
–130
100
1k
10k
100k
3V rms
RL = 2kΩ
CL = 100pF
Figure 17. Total Harmonic Distortion vs. Frequency
FREQUENCY (Hz)
1
10
100
1k
10
100
1k
10k
100k
1
Figure 18. Input Noise Voltage Spectral Density
INPUT ERROR SIGNAL (mV)
(AT SUMMING JUNCTION)
5
10
15
20
25
0
0
100
200
300
400
500
600
700
800
900
Figure 19. Slew Rate vs. Input Error Signal


同様の部品番号 - AD712_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4BCPZ AD-AD7124-4BCPZ Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4BCPZ-RL AD-AD7124-4BCPZ-RL Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4BCPZ-RL7 AD-AD7124-4BCPZ-RL7 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results

同様の説明 - AD712_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com