データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD713 データシート(PDF) 11 Page - Analog Devices

部品番号 AD713
部品情報  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD713 データシート(HTML) 11 Page - Analog Devices

Back Button AD713_15 Datasheet HTML 7Page - Analog Devices AD713_15 Datasheet HTML 8Page - Analog Devices AD713_15 Datasheet HTML 9Page - Analog Devices AD713_15 Datasheet HTML 10Page - Analog Devices AD713_15 Datasheet HTML 11Page - Analog Devices AD713_15 Datasheet HTML 12Page - Analog Devices AD713_15 Datasheet HTML 13Page - Analog Devices AD713_15 Datasheet HTML 14Page - Analog Devices AD713_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD713
Rev. F | Page 11 of 20
THEORY OF OPERATION
MEASURING AD713 SETTLING TIME
The error signal is thus clamped twice: once to prevent overload-
ing amplifier A2 and then a second time to avoid overloading
the oscilloscope preamp. A Tektronix oscilloscope preamp
Type 7A26 was carefully chosen because it recovers from the
approximately 0.4 V overload quickly enough to allow accurate
measurement of the AD713 1 μs settling time. Amplifier A2 is a
very high speed FET input op amp; it provides a voltage gain of
10, amplifying the error signal output of the AD713 under test
(providing an overall gain of 5).
Figure 30 and Figure 31 show the dynamic response of the AD713
while operating in the settling time test circuit of Figure 29.
The input of the settling time fixture is driven by a flat-top pulse
generator. The error signal output from the false summing node
of A1, the AD713 under test, is clamped, amplified by Op Amp
A2, and then clamped again.
10kΩ
200Ω
4.99kΩ
10kΩ
4.99kΩ
5pF TO 18pF
+VS
–VS
VIN
+
+
10pF
0.1µF
0.1µF
1µF
1µF
5kΩ
1/4
AD713
A1
4
11
+
A2
5pF
+
0.2pF TO 0.8pF
10kΩ
206Ω
2 ×
HP2835
2 ×
HP2835
1.1kΩ
+VS
–VS
0.47µF
0.47µF
VERROR × 5
*
FLAT-TOP
PULSE
GENERATOR
DATA
DYNAMICS
5109
OR
EQUIVALENT
*USE VERY
SHORT CABLE
OR TERMINATION
RESISTOR
NOTES
1. USE CIRCUIT BOARD
WITH GROUND PLANE.
TO TEKTRONIX 7A26
OSCILLOSCOPE
PREAMP INPUT
SECTION (VIA LESS
THAN 1FT 50Ω
COAXIAL CABLE)
20pF
1MΩ
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
100
90
10
0%
5mV
5V
500ns
Figure 31. Settling Characteristics to –10 V Step,
Upper Trace: Output of AD713 Under Test (5 V/div),
Lower Trace: Amplified Error Voltage (0.01%/div)
POWER SUPPLY BYPASSING
The power supply connections to the AD713 must maintain a
low impedance to ground over a bandwidth of 4 MHz or more.
This is especially important when driving a significant resistive
or capacitive load because all current delivered to the load
comes from the power supplies. Multiple high quality bypass
capacitors are recommended for each power supply line in any
critical application. As shown in Figure 32, a 0.1 μF ceramic and
a 1 μF electrolytic capacitor placed as close as possible to the
amplifier (with short lead lengths to power supply common)
assures adequate high frequency bypassing in most applications.
A minimum bypass capacitance of 0.1 μF should be used for
any application.
Figure 29. Settling Time Test Circuit
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
100
90
10
0%
5mV
5V
500ns
+VS
–VS
1/4
AD713
4
11
+
1µF
0.1µF
+
1µF
0.1µF
Figure 32. Recommended Power Supply Bypassing
Figure 30. Settling Characteristics 0 V to 10 V Step,
Upper Trace: Output of AD713 Under Test (5 V/div),
Lower Trace: Amplified Error Voltage (0.01%/div)


同様の部品番号 - AD713_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

同様の説明 - AD713_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com