データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD813 データシート(PDF) 4 Page - Analog Devices

部品番号 AD813
部品情報  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD813 データシート(HTML) 4 Page - Analog Devices

  AD813_15 Datasheet HTML 1Page - Analog Devices AD813_15 Datasheet HTML 2Page - Analog Devices AD813_15 Datasheet HTML 3Page - Analog Devices AD813_15 Datasheet HTML 4Page - Analog Devices AD813_15 Datasheet HTML 5Page - Analog Devices AD813_15 Datasheet HTML 6Page - Analog Devices AD813_15 Datasheet HTML 7Page - Analog Devices AD813_15 Datasheet HTML 8Page - Analog Devices AD813_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Model
AD813A
Conditions
V
S
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, No Peaking
+5 V
35
50
MHz
+3 V
25
40
MHz
Bandwidth for 0.1 dB
Flatness
G = +2
+5 V
12
20
MHz
+3 V
8
15
MHz
Slew Rate1
G = +2, R
L = 1 kΩ
+5 V
100
V/
µs
+3 V
50
V/
µs
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
f = 10 kHz
+5 V, +3 V
3.5
nV
√Hz
Input Current Noise
f = 10 kHz, +In
+5 V, +3 V
1.5
pA
√Hz
–In
+5 V, +3 V
18
pA
√Hz
Differential Gain Error2
NTSC, G = +2, R
L = 150 Ω
+5 V
0.05
%
G = +1
+3 V
0.2
%
Differential Phase Error2
G = +2
+5 V
0.05
Degrees
G = +1
+3 V
0.2
Degrees
DC PERFORMANCE
Input Offset Voltage
+5 V, +3 V
1.5
5
mV
T
MIN–TMAX
10
mV
Offset Drift
+5 V, +3 V
7
µV/°C
–Input Bias Current
+5 V, +3 V
7
30
µA
T
MIN–TMAX
40
µA
+Input Bias Current
+5 V, +3 V
0.5
1.7
µA
T
MIN–TMAX
2.5
µA
Open-Loop Voltage Gain
V
O = +2.5 V p-p
+5 V
65
70
dB
V
O = +0.7 V p-p
+3 V
69
dB
Open-Loop Transresistance
V
O = +3 V p-p
+5 V
180
300
k
V
O = +1 V p-p
+3 V
225
k
INPUT CHARACTERISTICS
Input Resistance
+Input
+5 V, +3 V
15
M
–Input
+5 V
90
Input Capacitance
+Input
2
pF
Input Common Mode
+5 V
1.0
4.0
V
Voltage Range
+3 V
1.0
2.0
V
Common-Mode Rejection Ratio
Input Offset Voltage
V
CM = 1.25 V to 3.75 V
+5 V
54
58
dB
–Input Current
3
6.5
µA/V
+Input Current
0.1
0.2
µA/V
Input Offset Voltage
V
CM = 1 V to 2 V
+3 V
56
dB
–Input Current
3.5
µA/V
+Input Current
0.1
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing p-p
R
L = 150 Ω, TMIN–TMAX
+5 V
3.0
3.2
±V p-p
+3 V
1.0
1.3
±V p-p
Output Current
+5 V
20
30
mA
+3 V
15
25
mA
Short Circuit Current
G = +2, R
F = 715 Ω
+5 V
40
mA
V
IN = 1 V
AD813–SPECIFICATIONS
Single Supply (@ T
A = +25 C, RL = 150
, unless otherwise noted)
–4–
REV. B


同様の部品番号 - AD813_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
More results

同様の説明 - AD813_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com