データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD813 データシート(PDF) 9 Page - Analog Devices

部品番号 AD813
部品情報  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD813 データシート(HTML) 9 Page - Analog Devices

Back Button AD813_15 Datasheet HTML 5Page - Analog Devices AD813_15 Datasheet HTML 6Page - Analog Devices AD813_15 Datasheet HTML 7Page - Analog Devices AD813_15 Datasheet HTML 8Page - Analog Devices AD813_15 Datasheet HTML 9Page - Analog Devices AD813_15 Datasheet HTML 10Page - Analog Devices AD813_15 Datasheet HTML 11Page - Analog Devices AD813_15 Datasheet HTML 12Page - Analog Devices AD813_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AD813
REV. B
–9–
Figure 19. Open-Loop Transimpedance vs. Frequency
(Relative to 1
Ω)
Figure 16. Input Current and Voltage Noise vs.
Frequency
Figure 20. Harmonic Distortion vs. Frequency
Figure 17. Common-Mode Rejection vs. Frequency
Figure 21. Output Swing and Error vs. Settling Time
Figure 18. Power Supply Rejection vs. Frequency
SETTLING TIME – ns
10
–10
–4
–8
20
–6
2
–2
0
4
6
8
80
40
60
GAIN = –1
VS = 15V
1%
0.1%
0.025%
FREQUENCY – Hz
80
40
0
10k
100k
100M
10M
1M
20
60
50
30
10
70
15V
1.5V
100
10
1
10
100
100k
10k
1k
FREQUENCY – Hz
100
10
1
INVERTING INPUT CURRENT NOISE
VOLTAGE NOISE
NONINVERTING INPUT
CURRENT NOISE
10k
100k
100M
10M
1M
FREQUENCY – Hz
90
60
50
70
80
20
10
30
40
681
VOUT
VIN
681
VS = 15V
VS = 3V
681
681
10k
100k
100M
10M
1M
FREQUENCY – Hz
100
40
120
60
80
0
–45
–90
–135
–180
PHASE
GAIN
VS = 3V
VS = 15V
VS = 3V
VS = 15V
–30
FREQUENCY – Hz
1k
–130
10k
100k
1M
10M
100M
–70
–50
–110
–90
VS = 15V
2ND HARMONIC
VS = 5V
2ND
3RD
G = +2
VO = 2V p-p
VS = 15V: RL = 1k
VS = 5V: RL = 150
3RD HARMONIC
VS = 5V


同様の部品番号 - AD813_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
More results

同様の説明 - AD813_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com