データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1H100 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SB1H100
部品情報  High Voltage Schottky Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB1H100 データシート(HTML) 1 Page - Vishay Siliconix

  SB1H100 Datasheet HTML 1Page - Vishay Siliconix SB1H100 Datasheet HTML 2Page - Vishay Siliconix SB1H100 Datasheet HTML 3Page - Vishay Siliconix SB1H100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB1H90, SB1H100
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
1
Document Number: 88716
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Schottky Plastic Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• High barrier technology for improved high TJ
• Guardring for overvoltage protection
• Low power losses and high efficiency
• Low forward voltage drop
• Very low leakage current
• High forward surge capability
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in middle voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-204AL (DO-41)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
90 V, 100 V
IFSM
50 A
VF
0.62 V
IR
1.0 μA
TJ max.
175 °C
Package
DO-204AL
Diode variations
Single
DO-204AL (DO-41)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB1H90
SB1H100
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum RMS voltage
VRMS
63
70
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Maximum operating junction temperature
TJ
175
°C
Storage temperature range
TSTG
- 55 to + 175
°C


同様の部品番号 - SB1H100

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB1H100 VISHAY-SB1H100 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
SB1H100 VISHAY-SB1H100 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB1H100 VISHAY-SB1H100 Datasheet
71Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
logo
Shenzhen Taychipst Elec...
SB1H100 TAYCHIPST-SB1H100 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB1H100 VISHAY-SB1H100 Datasheet
75Kb / 5P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
More results

同様の説明 - SB1H100

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
   PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com