データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD824 データシート(PDF) 5 Page - Analog Devices

部品番号 AD824
部品情報  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD824 データシート(HTML) 5 Page - Analog Devices

  AD824_15 Datasheet HTML 1Page - Analog Devices AD824_15 Datasheet HTML 2Page - Analog Devices AD824_15 Datasheet HTML 3Page - Analog Devices AD824_15 Datasheet HTML 4Page - Analog Devices AD824_15 Datasheet HTML 5Page - Analog Devices AD824_15 Datasheet HTML 6Page - Analog Devices AD824_15 Datasheet HTML 7Page - Analog Devices AD824_15 Datasheet HTML 8Page - Analog Devices AD824_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD824
Rev. D | Page 5 of 16
At VS = 3.0 V, VCM = 0 V, VOUT = 0.2 V, TA = 25°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD824A −3 V)
VOS
0.2
1.0
mV
TMIN to TMAX
1.5
mV
Input Bias Current
IB
2
12
pA
TMIN to TMAX
250
4000
pA
Input Offset Current
IOS
2
10
pA
TMIN to TMAX
250
pA
Input Voltage Range
0
1
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 1 V
58
74
dB
TMIN to TMAX
56
dB
Input Impedance
1013||3.3
Ω||pF
Large Signal Voltage Gain
AVO
VO = 0.2 V to 2.0 V;
RL = 2 kΩ
10
20
V/mV
RL = 10 kΩ
30
65
V/mV
RL = 100 kΩ
180
500
V/mV
TMIN to TMAX, RL = 100 kΩ
90
250
V/mV
Offset Voltage Drift
ΔVOS/ΔT
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 20 µA
2.975
2.988
V
TMIN to TMAX
2.97
2.985
V
ISOURCE = 2.5 mA
2.8
2.85
V
TMIN to TMAX
2.75
2.82
V
Output Voltage Low
VOL
ISINK = 20 µA
15
25
mV
TMIN to TMAX
20
30
mV
ISINK = 2.5 mA
120
150
mV
TMIN to TMAX
140
200
mV
Short Circuit Limit
ISC
Sink/source
±8
mA
ISC
Sink/source, TMIN to TMAX
±6
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V,
70
dB
TMIN to TMAX
66
dB
Supply Current/Amplifier
ISY
VO = 0.2 V, TMIN to TMAX
500
600
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 kΩ, AV = 1
2
V/µs
Full-Power Bandwidth
BWP
1% distortion, VO = 2 V p-p
300
kHz
Settling Time
tS
VOUT = 0.2 V to 2.5 V, to 0.01%
2
µs
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
φo
50
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 kΩ
–123
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/√Hz
Current Noise Density
in
0.8
fA/√Hz
Total Harmonic Distortion
THD
f = 10 kHz, RL = ∞, AV = +1
0.01
%


同様の部品番号 - AD824_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD824-00 ETC2-AD824-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM AD-AD8240YRM Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL AD-AD8240YRM-REEL Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL7 AD-AD8240YRM-REEL7 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
More results

同様の説明 - AD824_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com