データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD826 データシート(PDF) 2 Page - Analog Devices

部品番号 AD826
部品情報  High-Speed, Low-Power Dual Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD826 データシート(HTML) 2 Page - Analog Devices

  AD826_15 Datasheet HTML 1Page - Analog Devices AD826_15 Datasheet HTML 2Page - Analog Devices AD826_15 Datasheet HTML 3Page - Analog Devices AD826_15 Datasheet HTML 4Page - Analog Devices AD826_15 Datasheet HTML 5Page - Analog Devices AD826_15 Datasheet HTML 6Page - Analog Devices AD826_15 Datasheet HTML 7Page - Analog Devices AD826_15 Datasheet HTML 8Page - Analog Devices AD826_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD826–SPECIFICATIONS (@ T
A = +25 C, unless otherwise noted)
Parameter
Conditions
VS
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
±5 V
30
35
MHz
±15 V
45
50
MHz
0, +5 V
25
29
MHz
Bandwidth for 0.1 dB Flatness
Gain = +1
±5 V
10
20
MHz
±15 V
25
55
MHz
0, +5 V
10
20
MHz
Full Power Bandwidth
1
VOUT = 5 V p-p
RLOAD = 500
Ω±5 V
15.9
MHz
VOUT = 20 V p-p
RLOAD = 1 k
Ω±15 V
5.6
MHz
Slew Rate
RLOAD = 1 k
Ω±5 V
200
250
V/
µs
Gain = –1
±15 V
300
350
V/
µs
0, +5 V
150
200
V/
µs
Settling Time to 0.1%
–2.5 V to +2.5 V
±5 V
45
ns
0 V–10 V Step, AV = –1
±15 V
45
ns
to 0.01%
–2.5 V to +2.5 V
±5 V
70
ns
0 V–10 V Step, AV = –1
±15 V
70
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
FC = 1 MHz
±15 V
–78
dB
Input Voltage Noise
f = 10 kHz
±5 V, ±15 V
15
nV/
√Hz
Input Current Noise
f = 10 kHz
±5 V, ±15 V
1.5
pA/
√Hz
Differential Gain Error
NTSC
±15 V
0.07
0.1
%
(R1 = 150
Ω)
Gain = +2
±5 V
0.12
0.15
%
0, +5 V
0.15
%
Differential Phase Error
NTSC
±15 V
0.11
0.15
Degrees
(R1 = 150
Ω)
Gain = +2
±5 V
0.12
0.15
Degrees
0, +5 V
0.15
Degrees
DC PERFORMANCE
Input Offset Voltage
±5 V to ±15 V
0.5
2
mV
TMIN to TMAX
3mV
Offset Drift
10
µV/°C
Input Bias Current
±5 V, ±15 V
3.3
6.6
µA
TMIN
10
µA
TMAX
4.4
µA
Input Offset Current
±5 V, ±15 V
25
300
nA
TMIN to TMAX
500
nA
Offset Current Drift
0.3
nA/
°C
Open-Loop Gain
VOUT =
±2.5 V
±5 V
RLOAD = 500
2
4
V/mV
TMIN to TMAX
1.5
V/mV
RLOAD = 150
1.5
3
V/mV
VOUT =
±10 V
±15 V
RLOAD = 1 k
3.5
6
V/mV
TMIN to TMAX
2
5
V/mV
VOUT =
±7.5 V
±15 V
RLOAD = 150
Ω (50 mA Output)
2
4
V/mV
INPUT CHARACTERISTICS
Input Resistance
300
k
Input Capacitance
1.5
pF
Input Common-Mode Voltage Range
±5 V
+3.8
+4.3
V
–2.7
–3.4
V
±15 V
+13
+14.3
V
–12
–13.4
V
0, +5 V
+3.8
+4.3
V
+1.2
+0.9
V
Common-Mode Rejection Ratio
VCM =
±2.5 V, TMIN–TMAX
±5 V
80
100
dB
VCM =
±12 V
±15 V
86
120
dB
TMIN to TMAX
±15 V
80
100
dB
REV. C


同様の部品番号 - AD826_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8260 AD-AD8260 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260 AD-AD8260 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier
AD8260ACPZ-R7 AD-AD8260ACPZ-R7 Datasheet
1Mb / 32P
   High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
More results

同様の説明 - AD826_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
   High-Speed, Low-Power Dual Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com