データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD842 データシート(PDF) 4 Page - Analog Devices

部品番号 AD842
部品情報  Wideband, High Output Current Fast Settling Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD842 データシート(HTML) 4 Page - Analog Devices

  AD842_15 Datasheet HTML 1Page - Analog Devices AD842_15 Datasheet HTML 2Page - Analog Devices AD842_15 Datasheet HTML 3Page - Analog Devices AD842_15 Datasheet HTML 4Page - Analog Devices AD842_15 Datasheet HTML 5Page - Analog Devices AD842_15 Datasheet HTML 6Page - Analog Devices AD842_15 Datasheet HTML 7Page - Analog Devices AD842_15 Datasheet HTML 8Page - Analog Devices AD842_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD842
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
PDIP (N-14), SOIC_W (RW-16)
1.3 W
CERDIP (Q-14)
1.1 W
Input Voltage
±VS
Differential Input Voltage
±6 V
Operating Temperature Range
CERDIP (Q-14, AD842SQ Only)
−55°C to +125°C
PDIP (N-14), SOIC_W (RW-16),
CERDIP (Q-14, AD842JQ and
AD842KQ Only)
0°C to 70°C
Storage Temperature Range
CERDIP (Q-14, All Models)
−65°C to +150°C
PDIP (N-14), SOIC_W (RW-16)
−65°C to +125°C
Junction Temperature
175°C
Lead Temperature (Soldering 60 sec)
300°C
1
Maximum internal power dissipation is specified so that TJ does not exceed
150°C at an ambient temperature of 25°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 3.
Package
θJC
θJA
θSA
Unit
14-Lead PDIP
30
100
°C/W
14-Lead CERDIP
30
110
38
°C/W
16-Lead SOIC_W
30
100
°C/W
ESD CAUTION
METALIZATION PHOTOGRAPH
Figure 3. Contact Factory for Latest Dimensions,
Dimensions Shown in Inches and (Millimeters)
OUTPUT
V+
V–
0.067
(1.69)
BALANCE
0.106 (2.68)
BALANCE
+INPUT
–INPUT
Rev. F | Page 4 of 16


同様の部品番号 - AD842_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results

同様の説明 - AD842_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
AD842 AD-AD842 Datasheet
475Kb / 10P
   Wideband, High Output Current, Fast Settling Op Amp
REV. E
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com