データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD872A データシート(PDF) 5 Page - Analog Devices

部品番号 AD872A
部品情報  Complete 12-Bit 10 MSPS Monolithic A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD872A データシート(HTML) 5 Page - Analog Devices

  AD872A_15 Datasheet HTML 1Page - Analog Devices AD872A_15 Datasheet HTML 2Page - Analog Devices AD872A_15 Datasheet HTML 3Page - Analog Devices AD872A_15 Datasheet HTML 4Page - Analog Devices AD872A_15 Datasheet HTML 5Page - Analog Devices AD872A_15 Datasheet HTML 6Page - Analog Devices AD872A_15 Datasheet HTML 7Page - Analog Devices AD872A_15 Datasheet HTML 8Page - Analog Devices AD872A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
–5–
AD872A
7
17
8
9
10
11
12
13
14
15
16
1
640
44
41
42
43
2
3
4
5
29
39
30
31
32
33
34
35
36
37
38
18
28
19
20
21
22
23
24
25
26
27
AD872A
TOP VIEW
(NOT TO SCALE)
OTR
MSB
AVDD
AGND
DGND
CLK
BIT 12 (LSB)
AGND
DRGND
DVDD
BIT 11
DRVDD
DRVDD
DRGND
OEN
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
PIN DESCRIPTION
DIP
LCC
Symbol
Pin No.
Pin No.
Type
Name and Function
VINA
1
1
AI
(+) Analog Input Signal on the differential input amplifier.
VINB
2
2
AI
(–) Analog Input Signal on the differential input amplifier.
AVSS
3, 25
5, 40
P
–5 V Analog Supply.
AVDD
4
6, 38
P
+5 V Analog Supply.
AGND
5, 24
9, 36
P
Analog Ground.
DGND
6, 23
10
P
Digital Ground.
DVDD
7, 22
33
P
+5 V Digital Supply.
BIT 12 (LSB)
8
16
DO
Least Significant Bit.
BIT 2–BIT 11
18–9
26–17
DO
Data Bits 2 through 11.
MSB
19
29
DO
Inverted Most Significant Bit. Provides twos complement output
data format.
OTR
20
30
DO
Out of Range is Active HIGH on the leading edge of Code 0 or the
trailing edge of Code 4096. See Output Data Format Table III.
CLK
21
31
DI
Clock Input. The AD872A will initiate a conversion on the rising
edge of the clock input. See the Timing Diagram for details.
REF OUT
26
41
AO
+2.5 V Reference Output. Tie to REF IN for normal operation.
REF GND
27
42
AI
Reference Ground.
REF IN
28
43
AI
Reference Input. +2.5 V input gives
±1 V full-scale range.
DRVDD
N/A
12, 32
P
+5 V Digital Supply for the output drivers.
NC
N/A
3, 4, 7, 8, 14, 15,
No Connect.
28, 35, 37, 39, 44
DRGND
N/A
11, 34
P
Digital Ground for the output drivers. (See section on Power Supply
Decoupling for details on DRVDD and DRGND.)
OEN
N/A
13
DI
Output Enable. See the Three State Output Timing Diagram for details.
BIT 1
N/A
27
DO
Most Significant Bit.
TYPE: AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; P = Power; N/A = Not Available on 28-lead DIP. Only available on
44-terminal surface mount package.
PIN CONFIGURATIONS
28-Lead Ceramic DIP
44-Terminal LCC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD872A
VINA
AVSS
REF OUT
REF GND
REF IN
VINB
AVSS
AVDD
DVDD
DGND
AGND
AGND
DGND
DVDD
BIT 12 (LSB)
BIT 11
BIT 10
MSB
OTR
CLK
BIT 9
BIT 8
BIT 7
BIT 6
BIT 2
BIT 5
BIT 4
BIT 3


同様の部品番号 - AD872A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD872AJD AD-AD872AJD Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD872AJE AD-AD872AJE Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD872ASD AD-AD872ASD Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD872ASE AD-AD872ASE Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results

同様の説明 - AD872A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com