データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL5020-SOP データシート(PDF) 3 Page - Tiger Electronic Co.,Ltd

部品番号 SL5020-SOP
部品情報  LOW VOLTAGE COMPANDER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020-SOP データシート(HTML) 3 Page - Tiger Electronic Co.,Ltd

  SL5020-SOP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL5020
3/7
PIN VOLTAGE and DESCRIPTION
Pin NO
Sy mbol
Vo ltage
Description
1
V REF
1.3
Bandgap Voltage
2
EXP.MUTE
1.4
Expander mu te adjust
3
EXP.FILTER
0~0.6
Expander Filter. Conne c t t o an ext e rnal c a pac itor t o filt er
the ful l wave rect ifi er ’s output . This c apacitor affects
attack & delay times, as well as low frequency accuracy.
4
EXP.OUTPUT
1.5
Output of the expander amplifier.
5
EXP. INPUT
1.5
Expan d er i npu t. Nomi nally sig n a l range is 3.16m Vr m s to
260mVr ms . Must be capacitor coupled to the signal source
6
V B
2.2
An in ternal reference volt age. T h is is an AC gro und , a n d
m u st
be
well
filtered
t o
obt ain
high
power
supply
rejection and low crosstalk.
7
GND
GND
Ground
8
COM.FEEDBACK
1.5
Input to the comp resso r Variable gain stage and rectifier.
9
COM.CF
1.5
Normally, this is c o nnecte d to t h e c o mp ressor ’s output
through filtered DC feedback path.
10
COM.INPUT
1.5
Co mp ressor input , Normally, Signal rang e is 100
µVrms
to 1. 0Vrm s. Must be capa citor couple d t o the signal
source.
11
COM.OUTPUT
1.5
Output of the comp ressor amplifier.
12
COM.FILTER
0~0.6
Co mp ressor filter. C o nnec t t o a n e x terna l capacit o r to
filter the full wave rectifier ’s out put. This capa c it or
affects attack & decay times, and low frequency accuracy
13
COM.MUTE
1.4
Comp ressor mu te adjust.
14
Vcc
3
Power supply pin. C onne ct to power sup p ly provid i ng
between 1.8 and 5.0V.


同様の部品番号 - SL5020-SOP

メーカー部品番号データシート部品情報
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
More results

同様の説明 - SL5020-SOP

メーカー部品番号データシート部品情報
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com