データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1845 データシート(PDF) 9 Page - Analog Devices

部品番号 AD1845
部品情報  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1845 データシート(HTML) 9 Page - Analog Devices

Back Button AD1845_15 Datasheet HTML 5Page - Analog Devices AD1845_15 Datasheet HTML 6Page - Analog Devices AD1845_15 Datasheet HTML 7Page - Analog Devices AD1845_15 Datasheet HTML 8Page - Analog Devices AD1845_15 Datasheet HTML 9Page - Analog Devices AD1845_15 Datasheet HTML 10Page - Analog Devices AD1845_15 Datasheet HTML 11Page - Analog Devices AD1845_15 Datasheet HTML 12Page - Analog Devices AD1845_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD1845
–9–
REV. C
Power Supplies
Pin Name
PLCC
TQFP
I/O
Description
VCC
35 & 36
41 & 42
I
Analog Supply Voltage (+5 V).
GNDA
34 & 37
40 & 43
I
Analog Ground.
VDD
1, 7, 15,
10, 14,
I
Digital Supply Voltage (+5 V).
19, 45,
55, 68,
54
88, 98
GNDD
2, 8, 16,
11, 15, 20,
I
Digital Ground.
20, 25,
54, 67,
44, 53,
79, 89,
64
99
(Continued from page 1)
unsigned magnitude PCM linear data, and 8-bit
µ-law or A-law
companded digital data.
The
∑∆ DACs are preceded by a digital interpolation filter. An
attenuator provides independent user volume control over each
DAC channel. Nyquist images and shaped quantized noise are
removed from the DACs’ analog stereo output by on-chip
switched-capacitor and continuous-time filters.
The AD1845 supports multiple low power and power-down
modes to support notebook and portable computing multimedia
applications. The ADC, DAC, and mixer paths can be sus-
pended independently allowing the AD1845 to be used for
capture-only or playback-only, lessening power consumption
and extending battery life.
The AD1845 includes a variable sample frequency generator,
that allows the codec to instantaneously change sample rates
with a resolution of 1 Hz without “clicks” and “pops.” Addi-
tionally,
∑∆ quantization noise is kept out of the 20 kHz audio
band regardless of the chosen sample rate. The codec uses the
variable sample frequency generator to derive all internal clocks
from a single external crystal or clock source.
Expanded Mode (MODE2)
MODE1 is the initial state of the AD1845. In this state the
AD1845 appears as an AD1848 compatible device. To access
the expanded modes of operation on the AD1845, the MODE2
bit should be set in the Miscellaneous Information Control
Register. When this bit is set to one, 16 additional indirect
registers can be addressed allowing the user to access the
AD1845’s expanded features. The AD1845 can return to
MODE1 operation by clearing the MODE2 bit. In both
MODE1 and MODE2, the capture and playback FIFOs are
active to prevent data loss.
The additional MODE2 functions are:
1. Full-Duplex DMA support.
2. MIC input mixer, mute and volume control.
3. Mono output with mute control.
4. Mono input with mixer volume control.
5. Software controlled advanced power-down modes.
6. Programmable sample rates from 4 kHz to 50 kHz in 1 Hz
increments.
ADDRESS
DECODE
CS
A1
A0
WR
RD
DATA7:0
DBDIR
DBEN
PDRQ
CDRQ
PDAK
CDAK
INT
AD1845
18
AEN
SA19:2
SA1
SA0
IOWC
IORC
DATA7:0
DRQ <X>
DRQ <Y>
DAK <X>
DAK <Y>
IRQ <Z>
8
8
G
74_245
BA
DIR
S
A
B
U
S
I
Figure 1. Interface to ISA Bus
External circuit requirements are limited to a minimal number
of low cost support components. Anti-imaging DAC output
filters are incorporated on-chip. Dynamic range exceeds 80 dB
over the 20 kHz audio band. Sample rates from 4 kHz to 50 kHz
are supported from a single external crystal or clock source.
The AD1845 has built-in 8/16 mA (user selectable) bus drivers.
If 24 mA drive capability is required, the AD1845 generates
enable and direction controls for IC bus buffers such as the
74 245.
The codec includes a stereo pair of
∑∆ analog-to-digital con-
verters and a stereo pair of
∑∆ digital-to-analog converters. The
AD1845 mixer surpasses MPC Level-2 recommendations.
Inputs to the ADC can be selected from four stereo pairs of
analog signals: line (LINE), microphone (MIC), auxiliary line
#1 (AUX1), and post-mixed DAC output. A software-con-
trolled programmable gain stage allows independent gain for
each channel going into the ADC. In addition, the analog mixer
allows the mono input (M_IN), MIC, AUX1, LINE and auxil-
iary line #2 (AUX2) signals to be mixed with the DACs’ output.
The ADCs’ output can be digitally mixed with the DACs’ input.
The pair of 16-bit outputs from the ADCs is available over a
byte-wide bidirectional interface that also supports 16-bit digital
input to the DACs and control information. The AD1845 can
accept and generate 16-bit twos complement PCM linear digital
data in both little endian or big endian byte ordering, 8-bit


同様の部品番号 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1845JP AD-AD1845JP Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP-REEL AD-AD1845JP-REEL Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JST AD-AD1845JST Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results

同様の説明 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com