データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1845 データシート(PDF) 10 Page - Analog Devices

部品番号 AD1845
部品情報  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1845 データシート(HTML) 10 Page - Analog Devices

Back Button AD1845_15 Datasheet HTML 6Page - Analog Devices AD1845_15 Datasheet HTML 7Page - Analog Devices AD1845_15 Datasheet HTML 8Page - Analog Devices AD1845_15 Datasheet HTML 9Page - Analog Devices AD1845_15 Datasheet HTML 10Page - Analog Devices AD1845_15 Datasheet HTML 11Page - Analog Devices AD1845_15 Datasheet HTML 12Page - Analog Devices AD1845_15 Datasheet HTML 13Page - Analog Devices AD1845_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD1845
–10–
REV. C
Digital Mixing
Stereo digital output from the ADCs can be digitally mixed with
the input to the DACs. Digital output from the ADCs going out
of the data port is unaffected by the digital mix. Along the
digital mix datapath, the 16-bit linear output from the ADCs
is attenuated by an amount specified with control bits. Both
channels of the digital mix datapath are attenuated by the same
amount. (Note that internally the AD1845 always works with
16-bit PCM linear data, digital mixing included; format conver-
sions take place at the input and output.)
Sixty-four steps of –1.5 dB attenuation are supported to –94.5 dB.
The digital mix datapath can also be completely muted. Note
that the level of the mixed signal is also a function of the input
PGA settings, since they affect the ADCs’ output.
The attenuated digital mix data is digitally summed with the
DAC input data prior to the DACs’ datapath attenuators. The
digital sum of digital mix data and DAC input data is clipped at
plus or minus full scale and does not wrap around. Because both
stereo signals are mixed before the output attenuators, mix data is
attenuated a second time by the DACs’ datapath attenuators.
In case the AD1845 is capturing data, but ADC output data is
not removed in time (“ADC overrun”), the last sample captured
before overrun will be used for the digital mix. In case the
AD1845 is playing back data, but input digital DAC data fails
to arrive in time (“DAC underrun”), a midscale zero will be
added to the digital mix data when the DACZ control bit is set
to 0; otherwise, the DAC will output the previous valid sample
in an underrun condition.
Analog Outputs
Stereo and mono line-level outputs are available at external
pins. Each channel of this output can be independently muted.
When muted, the outputs will settle to a dc value near VREF, the
midscale reference voltage. The output is selectable for 2.0 V
peak-to-peak or 2.8 V peak-to-peak. When selecting the LINE
output as an input to the ADC, the ADC automatically com-
pensates for the output level selection.
Digital Data Types
The AD1845 supports five global data types: 16-bit twos comple-
ment linear PCM (little endian and big endian byte ordering),
8-bit unsigned linear PCM, companded
µ-law, and 8-bit com-
panded A-law, as specified by control register bits. Data in all
formats is always transferred MSB first. All data formats that are
less than 16 bits are MSB-aligned to ensure the use of full
system resolution.
The 16-bit PCM data format is capable of representing 96 dB
of dynamic range. Eight-bit PCM can represent 48 dB of dy-
namic range. Companded
µ-law and A-law data formats use
nonlinear coding with less precision for large amplitude signals.
The loss of precision is compensated for by an increase in dy-
namic range to 64 dB and 72 dB, respectively.
On input, 8-bit companded data is expanded to an internal
linear representation, according to whether
µ-law or A-law was
specified in the codec’s internal registers. Note that when
µ-law
compressed data is expanded to a linear format, it requires
14 bits. A-law data expanded requires 13 bits.
FUNCTIONAL DESCRIPTION
This section overviews the functionality of the AD1845 and is
intended as a general introduction to the capabilities of the
device. As much as possible, detailed reference information has
been placed in “Control Registers” and other sections. The
user is not expected to refer repeatedly to this section.
Analog Inputs
The AD1845 SoundPort Stereo Codec accepts stereo line-level
and microphone-level inputs. The LINE, MIC, AUX1, and
post-mixed DAC output are available to the ADC multiplexer.
The DAC output can be mixed with LINE, MIC, AUX1,
AUX2 and M_IN. Each channel of the MIC inputs can be
amplified by +20 dB to compensate for the difference between
line levels and typical condenser microphone levels.
Analog Mixing
The M_IN mono input signal, MIC, LINE, AUX1 and AUX2
analog stereo signals can be mixed in the analog domain with
the DAC output. Each channel of each AUX, LINE and MIC
analog input can be independently gained/attenuated from
+12 dB to –34.5 dB in 1.5 dB steps or completely muted.
M_IN can be attenuated from 0 dB to –45 dB in 3 dB steps or
muted. The post-mixed DAC outputs are available on L_OUT
and R_OUT and also to the ADC input multiplexer.
Even if the AD1845 is not playing back data from its DACs, the
analog mix function can still be active.
Analog-to-Digital Datapath
The PGA following the input multiplexer allows independent
selectable gains for each channel from 0 dB to 22.5 dB in
+1.5 dB steps. The codec can operate either in a global stereo
mode or in a global mono mode with left-channel inputs
appearing at both channel outputs.
The AD1845
∑∆ ADCs incorporate a fourth-order modulator.
A single pole of passive filtering is all that is required for anti-
aliasing the analog input because of the ADC’s high over sam-
pling ratio. The ADCs include linear-phase digital decimation
filters that low-pass filter the input to 0.4
× F
S. (“FS” is the
word rate or “sampling frequency.”) ADC input over range
conditions are reported on status bits in the Test and Initializa-
tion Register.
Digital-to-Analog Datapath
The
∑∆ DACs are preceded by a programmable attenuator and
a low-pass digital interpolation filter. The anti-imaging interpo-
lation filter over samples and digitally filters the higher fre-
quency images. The attenuator allows independent control of
each DAC channel from 0 dB to –94.5 dB in –1.5 dB steps plus
full mute. The DACs’
∑∆ noise shapers also over sample and
convert the signal to a single-bit stream. The DAC outputs are
then filtered in the analog domain by a combination of switched-
capacitor and continuous-time filters. They remove the very
high frequency components of the DAC bit stream output. No
external components are required.
Changes in DAC output attenuation take effect only on zero
crossings, eliminating “zipper” noise on playback. Each chan-
nel has its own independent zero-crossing detector and attenua-
tor change control circuitry. A timer guarantees that requested
volume changes will occur even in the absence of a zero cross-
ing. The time-out period is 8 milliseconds at a 48 kHz sampling
rate and 48 milliseconds at an 8 kHz sampling rate. (Timeout
[ms]
≈ 384 ÷ F
S [kHz].)


同様の部品番号 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1845JP AD-AD1845JP Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP-REEL AD-AD1845JP-REEL Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JST AD-AD1845JST Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results

同様の説明 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com