データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1845 データシート(PDF) 11 Page - Analog Devices

部品番号 AD1845
部品情報  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1845 データシート(HTML) 11 Page - Analog Devices

Back Button AD1845_15 Datasheet HTML 7Page - Analog Devices AD1845_15 Datasheet HTML 8Page - Analog Devices AD1845_15 Datasheet HTML 9Page - Analog Devices AD1845_15 Datasheet HTML 10Page - Analog Devices AD1845_15 Datasheet HTML 11Page - Analog Devices AD1845_15 Datasheet HTML 12Page - Analog Devices AD1845_15 Datasheet HTML 13Page - Analog Devices AD1845_15 Datasheet HTML 14Page - Analog Devices AD1845_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD1845
–11–
REV. C
MSB
LSB
COMPRESSED
INPUT DATA
8 7
0
15
MSB
LSB
3/2
2/1
0
15
EXPANSION
MSB
LSB
3/2
2/1
0
15
DAC INPUT
000/00
Figure 2.
µ-Law or A-Law Expansion
When 8-bit companding is specified, the ADCs’ linear output is
compressed to the format specified.
MSB
LSB
0
15
MSB
LSB
3/2
2/1
0
15
MSB
LSB
8 7
0
15
00000000
ADC OUTPUT
TRUNCATION
COMPRESSION
Figure 3.
µ-Law or A-Law Compression
Note that all format conversions take place at input or output.
Internally, the AD1845 always uses 16-bit linear PCM represen-
tations to maintain maximum precision.
Timer Registers
The timer registers are provided for system level synchroniza-
tion, and for periodic interrupt generation. The 16-bit timer
time base is determined by the frequency of the connected input
clock source.
The timer is enabled by setting the Timer Enable bit, TE, in the
Alternate Feature Enable register. To set the timer, load the
Upper and Lower Timer Bits Registers. The timer value will
then be loaded into an internal count register with a value of
approximately 10
µs (the exact timer value is listed in the regis-
ter descriptions). The internal count register will decrement
until it reaches zero, then the Timer Interrupt bit, TI, is set and
an interrupt will be sent to the host. The next timer clock will
load the internal count register with the value of the Timer
Register, and the timer will be reinitialized. To clear the inter-
rupt, write to the Status Register or write a “0” to TI.
Interrupts
The AD1845 supports interrupt conditions generated by DMA
playback count expiration, DMA capture count expiration, or
timer expiration. The INT bit will remain set, HI, until a write
has been completed to the Status Register or by clearing the TI,
CI, or PI bit (depending on the existing condition) in the Cap-
ture Playback Timer Register. The IEN bit of the Pin Control
Register determines whether the interrupt pin responds to an
interrupt condition and reflects the interrupt state on the
INT status bit.
Power Supplies and Voltage Reference
The AD1845 operates from a +5 V power supply. Independent
analog and digital supplies are recommended for optimal perfor-
mance though excellent results can be obtained in single-supply
systems. A voltage reference is included on the codec and its
2.25 V buffered output is available on an external pin (VREF).
The reference output can be used for biasing op amps used in
dc coupling. The internal reference is externally bypassed to
analog ground at the VREF_F pin.
Clocks and Sample Rates
The AD1845 operates from a single external crystal or clock
source. From a single input, a wide range of sample rates can be
generated. The AD1845 default frequency source is a
24.576 MHz input. The AD1845 can also be driven from a
14.31818 MHz (OSC), 24 MHz, 25 MHz or 33 MHz input
frequency source. In MODE1, the input drives the internal
variable sample frequency generator to derive the following
AD1848 compatible sample rates: 5.5125, 6.615, 8, 9.6,
11.025, 16, 18.9, 22.05, 27.42857, 32, 33.075, 37.8, 44.1,
48 kHz. In MODE2, the AD1845 can be programmed to gen-
erate any sample frequency between 4 kHz and 50 kHz with
1 Hz resolution. Note that it is no longer required to enter
Mode Change Enable (MCE) to change the sample rate. This
feature allows the user to change the AD1845’s sample rate “on
the fly.”
CONTROL REGISTERS
Control Register Architecture
The AD1845 SoundPort Stereo Codec accepts both data and
control information through its byte-wide parallel port. Indirect
addressing minimizes the number of external pins required to
access all 37 of its byte-wide internal registers. Only two exter-
nal address pins, ADR1:0, are required to accomplish all data
and control transfers. These pins select one of five direct regis-
ters. (ADR1:0 = 3 addresses two registers, depending on
whether the transfer is for a playback or capture.)
ADR1:0
Register Name
0
Index Address Register
1
Indexed Data Register
2
Status Register
3
PIO Data Register
Figure 4. Direct Register Map


同様の部品番号 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1845JP AD-AD1845JP Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP-REEL AD-AD1845JP-REEL Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JST AD-AD1845JST Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results

同様の説明 - AD1845_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com