データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1849 データシート(PDF) 1 Page - Analog Devices

部品番号 AD1849
部品情報  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1849 データシート(HTML) 1 Page - Analog Devices

  AD1849_15 Datasheet HTML 1Page - Analog Devices AD1849_15 Datasheet HTML 2Page - Analog Devices AD1849_15 Datasheet HTML 3Page - Analog Devices AD1849_15 Datasheet HTML 4Page - Analog Devices AD1849_15 Datasheet HTML 5Page - Analog Devices AD1849_15 Datasheet HTML 6Page - Analog Devices AD1849_15 Datasheet HTML 7Page - Analog Devices AD1849_15 Datasheet HTML 8Page - Analog Devices AD1849_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
a
Serial-Port 16-Bit
SoundPort® Stereo Codec
AD1849K
FEATURES
Single-Chip Integrated
Digital Audio Stereo Codec
Multiple Channels of Stereo Input and Output
Digital Signal Mixing
On-Chip Speaker and Headphone Drive Capability
Programmable Gain and Attenuation
On-Chip Signal Filters
Digital Interpolation and Decimation
Analog Output Low-Pass
Sample Rates from 5.5 kHz to 48 kHz
44-Lead PLCC Package
Operation from 5 V and Mixed 5 V/3.3 V Supplies
Serial Interface Compatible with ADSP-21xx Fixed-
Point DS Ps
Compatible with CS4215 (See Text)
(mono) speaker and stereo headphone drive circuits that require
no additional external components. Dynamic range exceeds
80 dB over the 20 kHz audio band. Sample rates from 5.5 kHz
to 48 kHz are supported from external crystals, from an external
clock, or from the serial interface bit clock.
The Codec includes a stereo pair of
Σ∆ analog-to-digital converters
and a stereo pair of
Σ∆ digital-to-analog converters. Analog signals
can be input at line levels or microphone levels. A software
controlled programmable gain stage allows independent gain for
each channel going into the ADC. The ADCs’ output can be
digitally mixed with the DACs’ input.
The left and right channel 16-bit outputs from the ADCs are
available over a single bidirectional serial interface that also sup-
ports 16-bit digital input to the DACs and control information.
The AD1849K can accept and generate 8-bit
µ-law or A-law
companded digital data.
The
Σ∆ DACs are preceded by a digital interpolation filter. An
attenuator provides independent user volume control over each
DAC channel. Nyquist images and shaped quantization noise
are removed from the DACs’ analog stereo output by on-chip
switched-capacitor and continuous-time filters. Two independent
stereo pairs of line-level (or one line-level and one headphone)
outputs are generated, as well as drive for a monaural speaker.
FUNCTIONAL BLOCK DIAGRAM
MUX
ANALOG
OUT
CRYSTALS
ANALOG
SUPPLY
DIGITAL
SUPPLY
POWER-DOWN
LINE L
LINE R
MIC L
MIC R
L
R
GAIN
OSCILLATORS
REFERENCE
2.25V
MUTE
A/D
CONVERTER
A/D
CONVERTER
GAIN
2
2
LINE 0 L
LINE 1 L
HEADPHONE RETURN
ANALOG
IN
MONITOR MIX
ATTENUATE
D/A
CONVERTER
D/A
CONVERTER
INTERPOL
INTERPOL
ATTENUATE
CHAINING
INPUT
CHAINING
OUTPUT
OUT
RETURN
MONO SPEAKER
ATTENUATE
ATTENUATE
ANALOG
FILTER
ANALOG
FILTER
LOOPBACK
L
R
20
dB
LINE 0 R
LINE 1 R
S
E
R
I
A
L
P
O
R
T
L
O
O
P
B
A
C
K
DATA/CONTROL
MODE
DATA/CONTROL
TRANSMIT
2
RESET
DATA/CONTROL
RECEIVE
PARALLEL I/O
BIT CLOCK
DIGITAL
I/O
AD1849K
/A
LAW
/A
LAW
/A
LAW
/A
LAW
MUTE
L
R
MUTE
FRAME SYNC
PRODUCT OVERVIEW
The Serial-Port AD1849K SoundPort Stereo Codec integrates
the key audio data conversion and control functions into a single
integrated circuit. The AD1849K is intended to provide a com-
plete, single-chip audio solution for multimedia applications
requiring operation from a single 5 V supply. External signal
path circuit requirements are limited to three low tolerance
capacitors for line level applications; anti-imaging filters are
incorporated on-chip. The AD1849K includes on-chip monaural
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
REV. A
SoundPort is a registered trademark of Analog Devices, Inc.


同様の部品番号 - AD1849_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849K AD-AD1849K Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1849KP AD-AD1849KP Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
More results

同様の説明 - AD1849_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com