データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1852 データシート(PDF) 9 Page - Analog Devices

部品番号 AD1852
部品情報  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1852 データシート(HTML) 9 Page - Analog Devices

Back Button AD1852_15 Datasheet HTML 5Page - Analog Devices AD1852_15 Datasheet HTML 6Page - Analog Devices AD1852_15 Datasheet HTML 7Page - Analog Devices AD1852_15 Datasheet HTML 8Page - Analog Devices AD1852_15 Datasheet HTML 9Page - Analog Devices AD1852_15 Datasheet HTML 10Page - Analog Devices AD1852_15 Datasheet HTML 11Page - Analog Devices AD1852_15 Datasheet HTML 12Page - Analog Devices AD1852_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1852
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8 to Figure 13 show the calculated frequency response of the digital interpolation filters. Figure 14 to Figure 25 show the performance of
the AD1852 as measured by an Audio Precision System 2 Cascade. For the wideband plots, the noise floor shown in the plots is higher
than the actual noise floor of the AD1852. This is caused by the higher noise floor of the high bandwidth ADC used in the Audio Precision
measurement system. The two-tone test shown in Figure 16 is per the SMPTE standard for measuring intermodulation distortion.
0.0010
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–0.0010
0246
8
10
12
14
16
18
20
22
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
300
350
FREQUENCY (kHz)
Figure 8. Pass-Band Response 8× Mode, 48 kHz Sample Rate
Figure 11. Complete Response, 8× Mode, 48 kHz Sample Rate
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–10
5
101520
25
303540
45
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
300
FREQUENCY (kHz)
Figure 9. 44 kHz Pass-Band Response 4× Mode, 96 kHz Sample Rate
Figure 12. Complete Response, 4× Mode, 96 kHz Sample Rate
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
10
203040
50
607080
90
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
FREQUENCY (kHz)
Figure 10. 88 kHz Pass-Band Response 2× Mode, 192 kHz Sample Rate
Figure 13. Complete Response, 2× Mode, 192 kHz Sample Rate


同様の部品番号 - AD1852_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1852JRS AD-AD1852JRS Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1852JRSRL AD-AD1852JRSRL Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1852JRSZ AD-AD1852JRSZ Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
More results

同様の説明 - AD1852_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com