データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1868 データシート(PDF) 10 Page - Analog Devices

部品番号 AD1868
部品情報  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1868 データシート(HTML) 10 Page - Analog Devices

Back Button AD1868_15 Datasheet HTML 4Page - Analog Devices AD1868_15 Datasheet HTML 5Page - Analog Devices AD1868_15 Datasheet HTML 6Page - Analog Devices AD1868_15 Datasheet HTML 7Page - Analog Devices AD1868_15 Datasheet HTML 8Page - Analog Devices AD1868_15 Datasheet HTML 9Page - Analog Devices AD1868_15 Datasheet HTML 10Page - Analog Devices AD1868_15 Datasheet HTML 11Page - Analog Devices AD1868_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1868
REV. A
–10–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1851
IOUT
–VS
DGND
NC
CLK
LE
DATA
+VL
NC = NO CONNECT
+VS
TRIM
MSB
ADJ
IOUT
AGND
SJ
RF
VOUT
NC
AD1851 16-Bit PCM Audio DAC
107 dB SNR Minimum
16
× F
S Capability
±5 V Supply
REFERENCE
AD1864
–VS
AGND
RF
TRIM
MSB
IOUT
DGND
+VS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TRIM
SJ
VOUT
–VL
DL
LL
MSB
IOUT
AGND
RF
SJ
VOUT
+VL
DR
LR
CK
REFERENCE
18-BIT
LATCH
18-BIT
DAC
18-BIT
DAC
18-BIT
LATCH
+
+
AD1864 Dual 18-Bit Audio DAC
Complete, No External Components
High Performance
Low Crosstalk
24-Pin DIP
THD+N = 0.004% (typical)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
LATCH
18-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1861
DGND
NC
CLK
LE
DATA
NC = NO CONNECT
TRIM
MSB
ADJ
AGND
SJ
–VS
+VL
+VS
IOUT
VOUT
RF
IOUT
NC
AD1861 18-Bit PCM Audio DAC
107 dB SNR Minimum
16
× F
S Capability
±5 V Supply
REFERENCE
AD1865
–VS
AGND
RF
TRIM
MSB
IOUT
DGND
+VS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TRIM
SJ
VOUT
NC
DL
LL
MSB
IOUT
AGND
RF
SJ
VOUT
+VL
DR
LR
CK
REFERENCE
18-BIT
LATCH
18-BIT
DAC
18-BIT
DAC
18-BIT
LATCH
+
+
NC = NO CONNECT
AD1865 Dual 18-Bit Audio DAC
107 dB SNR Minimum
16
× F
S Capability
THD+N = 0.004% (typical)
±5 V Supply


同様の部品番号 - AD1868_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1868N AD-AD1868N Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868N-J AD-AD1868N-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R AD-AD1868R Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R-J AD-AD1868R-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

同様の説明 - AD1868_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com