データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1877 データシート(PDF) 11 Page - Analog Devices

部品番号 AD1877
部品情報  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1877 データシート(HTML) 11 Page - Analog Devices

Back Button AD1877_15 Datasheet HTML 7Page - Analog Devices AD1877_15 Datasheet HTML 8Page - Analog Devices AD1877_15 Datasheet HTML 9Page - Analog Devices AD1877_15 Datasheet HTML 10Page - Analog Devices AD1877_15 Datasheet HTML 11Page - Analog Devices AD1877_15 Datasheet HTML 12Page - Analog Devices AD1877_15 Datasheet HTML 13Page - Analog Devices AD1877_15 Datasheet HTML 14Page - Analog Devices AD1877_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1877
REV. A
–11–
Two modes deserve special discussion. The first special mode,
“Slave Mode, Data Position Controlled by WCLK Input” (S/M
= HI, RLJUST = HI, MSBDLY = LO), shown in Figure 8, is
the only mode in which WCLK is an input. The 16-bit output
data words can be placed at user-defined locations within 32-bit
fields. The MSB will appear in the BCLK period after WCLK is
detected HI by the BCLK sampling edge. If WCLK is HI dur-
ing the first BCLK of the 32-bit field (if WCLK is tied HI for
example), then the MSB of the output word will be valid on the
sampling edge of the second BCLK. The effect is to delay the
MSB for one bit clock cycle into the field, making the output
data compatible at the data format level with the I
2S data for-
mat. Note that the relative placement of the WCLK input can
vary from 32-bit field to 32-bit field, even within the same
64-bit frame. For example, within a single 64-bit frame, the left
word could be right justified (by pulsing WCLK HI on the 16th
BCLK) and the right word could be in an I
2S-compatible data
format (by having WCLK HI at the beginning of the second field).
In the second special mode “Master Mode, Right-Justified with
MSB Delay, WCLK Pulsed in 17th Cycle” (S/M = LO,
RLJUST = HI, MSBDLY = LO), shown in Figure 12, WCLK
is an output and is pulsed for one cycle by the AD1877. The
MSB is valid on the 18th BCLK sampling edge, and the LSB
extends into the first BCLK period of the next 32-bit field.
Timing Parameters
For master modes, a BCLK transmitting edge (labeled “XMIT”)
will be delayed from a CLKIN rising edge by tDLYCKB, as shown
in Figure 17. A LRCK transition will be delayed from a BCLK
transmitting edge by tDLYBLR. A WCLK rising edge will be
delayed from a BCLK transmitting edge by tDLYBWR, and a WCLK
falling edge will be delayed from a BCLK transmitting edge by
tDLYBWF. The DATA and TAG outputs will be delayed from a
transmitting edge of BCLK by tDLYDT.
For slave modes, an LRCK transition must be setup to a BCLK
sampling edge (labeled “SAMPLE”) by tSETLRBS. The DATA
and TAG outputs will be delayed from an LRCK transition by
tDLYLRDT, and DATA and TAG outputs will be delayed from
BCLK transmitting edge by tDLYBDT. For “Slave Mode, Data
Position Controlled by WCLK Input,” WCLK must be setup to
a BCLK sampling edge by tSETWBS.
For both master and slave modes, BCLK must have a minimum
LO pulsewidth of tBPWL, and a minimum HI pulsewidth of tBPWH.
The AD1877 CLKIN and RESET timing is shown in Figure
19. CLKIN must have a minimum LO pulsewidth of tCPWL, and
a minimum HI pulse width of tCPWH. The minimum period of
CLKIN is given by tCLKIN. RESET must have a minimum LO
pulsewidth of tRPWL. Note that there are no setup or hold time
requirements for RESET.
Synchronizing Multiple AD1877s
Multiple AD1877s can be synchronized by making all the
AD1877s serial port slaves. This option is illustrated in
Figure 6. See the “Reset, Autocalibration and Power Down”
section above for additional information.
#1 AD1877
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
CLOCK
SOURCE
#2 AD1877
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
#N AD1877
SLAVE MODE
CLKIN
DATA
BCLK
WCLK
L
RCK
RESET
RESET
RESET
Figure 6. Synchronizing Multiple AD1877s


同様の部品番号 - AD1877_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1877JR AD-AD1877JR Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

同様の説明 - AD1877_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com