データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1893 データシート(PDF) 8 Page - Analog Devices

部品番号 AD1893
部品情報  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1893 データシート(HTML) 8 Page - Analog Devices

Back Button AD1893_15 Datasheet HTML 4Page - Analog Devices AD1893_15 Datasheet HTML 5Page - Analog Devices AD1893_15 Datasheet HTML 6Page - Analog Devices AD1893_15 Datasheet HTML 7Page - Analog Devices AD1893_15 Datasheet HTML 8Page - Analog Devices AD1893_15 Datasheet HTML 9Page - Analog Devices AD1893_15 Datasheet HTML 10Page - Analog Devices AD1893_15 Datasheet HTML 11Page - Analog Devices AD1893_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1893
–8–
REV. A
Polyphase Filter Bank Model
Although less intuitively understandable than the interpolation/
decimation model, the polyphase filter bank model is useful to
explore because it more accurately portrays the operation of the
actual AD1893 SamplePort hardware. In the polyphase filter
bank model, the stored FIR filter coefficients are thought of as
the impulse response of a highly oversampled 0 kHz to 20 kHz
low-pass prototype filter, as shown in Figure 2. If this low-pass
filter is oversampled by a factor of N, then it can be conceptu-
ally decomposed into N different “subfilters,” each filter consist-
ing of a different subset of the original set of impulse response
samples. If the temporal position of each of the subfilters is
maintained, then they can be summed to recreate the original
oversampled impulse response. Since the original impulse re-
sponse is highly oversampled, the more sparsely sampled
subfilters still individually meet the Nyquist criterion (i.e., they
AMP
TIME
OVERSAMPLED
LOW-PASS FILTER
IMPULSE RESPONSE
DECOMPOSED INTO
FOUR SUBFILTERS
PHASE
0 Deg
90
180
270
1/4FS
1/2FS
3/4FS
FS
FREQ
AMP
1/4FS
1/2FS
3/4FS
FS
1/4FS
1/2FS
3/4FS
FS
1/4FS
1/2FS
3/4FS
FS
1/4FS
1/2FS
3/4FS
FS
Figure 2. Four Polyphase Subfilters in the Time and Frequency Domains
are adequately sampled). The baseband magnitude and phase
responses of the subfilters are identical. The out-of-band (i.e.,
alias) regions of the subfilters however have phase responses
which are shifted relative to one another, in a manner that
causes them to cancel when they are summed.
The subfilter coefficients are then aligned to the left, as shown
in Figure 3, so that the first coefficient of each subfilter is
aligned to the first point on a coarse time scale. (This conceptual
step accounts for how the hardware implementation is able to
operate at the slower rate corresponding to the coarse time
scale.) Each subfilter has been shifted in time by a different
amount, and though they still share identical magnitude re-
sponses, they now have in-band phase responses which have
fractionally different slopes (i.e., group delays).


同様の部品番号 - AD1893_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1893JN AD-AD1893JN Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1893JST AD-AD1893JST Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
More results

同様の説明 - AD1893_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1893 AD-AD1893 Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com