データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS4001 データシート(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

部品番号 SS4001
部品情報  1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GWSEMI [Goodwork Semiconductor Co., Ltd .]
ホームページ  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SS4001 データシート(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SS4001 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SS4001 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
SS4001 SS4002 SS4003 SS4004 SS4005 SS4006 SS4007 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
15
-65
+150
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Lead.
SS4001 THRU SS4007
1.1
Typical Thermal Resistance RqJL (Note 2)
30
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Operating and Storage Temperature Range TJ, TSTG
C
C/W
Dimensions in inches and (millimeters)
.106(2.7)
.098(2.5)
.144(3.65)
.136(3.45)
.007(0.17)
.005(0.13)
.067(1.7)
.059(1.5)
.033(0.85)
.022(0.55)
.051(1.3)
.043(1.1)
.037(0.95)
.033(0.85)
SS
Marking Code
R01
R02
R03
R04
R05
R06
R07
A
A
at TL=75 C
488


同様の部品番号 - SS4001

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
   Smart Battery Power Management
SS4005G SSC-SS4005G Datasheet
891Kb / 22P
   Smart Battery Gas Gauge for e-Bike
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

同様の説明 - SS4001

メーカー部品番号データシート部品情報
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SM4001A GWSEMI-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
M1 DGNJDZ-M1_05 Datasheet
118Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
M1F BYTESONIC-M1F Datasheet
317Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001A BYTES-SM4001A Datasheet
154Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com