データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1981A データシート(PDF) 10 Page - Analog Devices

部品番号 AD1981A
部品情報  AC 97 SoundMAX Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1981A データシート(HTML) 10 Page - Analog Devices

Back Button AD1981A_15 Datasheet HTML 6Page - Analog Devices AD1981A_15 Datasheet HTML 7Page - Analog Devices AD1981A_15 Datasheet HTML 8Page - Analog Devices AD1981A_15 Datasheet HTML 9Page - Analog Devices AD1981A_15 Datasheet HTML 10Page - Analog Devices AD1981A_15 Datasheet HTML 11Page - Analog Devices AD1981A_15 Datasheet HTML 12Page - Analog Devices AD1981A_15 Datasheet HTML 13Page - Analog Devices AD1981A_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. 0
AD1981A
–10–
Headphones Volume Register (Index 04h)
1
Reg Num Name
D15 D14 D13
D12
D11
D10
D9
D8
D7 D6 D5
D4
D3
D2
D1
D0
Default
04h
Headphones Volume HPM
X
X
LHV4 LHV3 LHV2 LHV1 LHV0 RM
2
X
X RHV4 RHV3 RHV2 RHV1 RHV0 8000h
NOTES
1This register controls the headphone volume controls for both stereo channels and mute bit. Each volume subregister contains 5 bits, generating 32 volume levels
with 31 steps of 1.5 dB each. Because AC ‘97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 Bits are set to “1, ” their respective
lower five volume bits are automatically set to “1” by the CODEC logic. On readback, all lower 5 bits will read ones when ever these bits are set to “1.”
2For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
RHV [4:0]
Right Headphone Volume Control: The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of –46.5 dB.
RM
Right Channel Mute: Once enabled by the MSPLT Bit in Register 76h, this bit mutes the right channel separately
from the HPM Bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LHV [4:0]
Left Headphone Volume Control: The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of –46.5 dB.
HPM
Headphones Volume Mute: When this bit is set to “1,” both L/R channels are muted, unless the MSPLT Bit in
Register 76h is set to “1,” in which case, this mute bit will only affect the left channel.
xHV5…xHV0
Function
HPM
WRITE
READBACK
Function
0
00 0000
00 0000
0 dB Gain
0
00 1111
00 1111
–22.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
∞ dB Gain
Mono Volume (Index 06h)
*
Reg Num Name
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6 D5
D4
D3
D2
D1
D0
Default
06h
Mono Volume MVM
XXXXX
XXXXX
MV4 MV3 MV2 MV1 MV0
8000h
*This register controls the headphone volume controls for both stereo channels and mute bit. Each volume subregister contains 5 bits, generating 32 volume levels
with 31 steps of 1.5 dB each. Because AC ‘97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 Bits are set to “1, ” their respective
lower five volume bits are automatically set to “1” by the CODEC logic. On readback, all lower 5 bits will read ones when ever these bits are set to “1.”
MV[4:0]
Mono Volume Control: The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of –46.5 dB.
MVM
Mono Volume Mute: When this bit is set to “1,” the channel is muted.
xMV5…xMV0
MVM
WRITE
READBACK
Function
0
00 0000
00 0000
0 dB Gain
0
00 1111
00 1111
–22.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
∞ dB Gain
Phone Volume (Index 0Ch)
Reg Num Name
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5
D4
D3
D2
D1
D0
Default
0Ch
Phone Volume
PHM
XXXXX
XXXXX PHV4 PHV3 PHV2 PHV1 PHV0
8008h


同様の部品番号 - AD1981A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1981AJST AD-AD1981AJST Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
More results

同様の説明 - AD1981A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com