データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1990 データシート(PDF) 10 Page - Analog Devices

部品番号 AD1990
部品情報  Audio Switching Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1990 データシート(HTML) 10 Page - Analog Devices

Back Button AD1990_15 Datasheet HTML 6Page - Analog Devices AD1990_15 Datasheet HTML 7Page - Analog Devices AD1990_15 Datasheet HTML 8Page - Analog Devices AD1990_15 Datasheet HTML 9Page - Analog Devices AD1990_15 Datasheet HTML 10Page - Analog Devices AD1990_15 Datasheet HTML 11Page - Analog Devices AD1990_15 Datasheet HTML 12Page - Analog Devices AD1990_15 Datasheet HTML 13Page - Analog Devices AD1990_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1990
Rev. 0 | Page 10 of 16
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 16. THD and THD + N vs. Output Power, 1 kHz Sine, 4 Ω Load, PVDD = 12 V
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 17. THD and THD + N vs. Output Power, 1 kHz Sine, 6 Ω Load, PVDD = 12 V
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 18. THD and THD + N vs. Output Power, 1 kHz Sine, 8 Ω Load, PVDD = 12 V
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 19. Maximum Output Power vs. PVDD, 4 Ω Load
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 20. Maximum Output Power vs. PVDD, 6 Ω Load
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 21. Maximum Output Power vs. PVDD, 8 Ω Load


同様の部品番号 - AD1990_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1990ACPZ AD-AD1990ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1990ACPZ AD-AD1990ACPZ Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL AD-AD1990ACPZRL Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL7 AD-AD1990ACPZRL7 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results

同様の説明 - AD1990_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com