データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

742C08349R9FP データシート(PDF) 1 Page - CTS Corporation

部品番号 742C08349R9FP
部品情報  Low Cost
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo CTS - CTS Corporation

742C08349R9FP データシート(HTML) 1 Page - CTS Corporation

  742C08349R9FP Datasheet HTML 1Page - CTS Corporation 742C08349R9FP Datasheet HTML 2Page - CTS Corporation 742C08349R9FP Datasheet HTML 3Page - CTS Corporation 742C08349R9FP Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0335-0
Page 1 - 4
Rev. H
www.ctscorp.com
Chip Resistor Arrays
Series 74x
FEATURES
• Low Cost
• Thick Film Technology
• High Density Packaging
- Up to 30% less space per resistor than 0603 chip resistors
- Up to 75% less space per resistor than 0805 chip resistors
• Low Profile; can be used in PCMCIA cards
• Leadless Surface Mount Construction
• Concave or Convex Terminations
• Solder Coated Nickel Barrier Pads
• Isolated and Bussed Circuits
• Resistor Arrays Require Fewer Placements Than Discrete Components
• Tape and Reel Packaging
• RoHS Compliant in Accordance with EU Directive 2011/65/EU
- Lead-Free Termination Finish
- Exemption 7(c)-I, Electrical and electronic components containing lead [Pb] in glass
ORDERING INFORMATION
741X163 PACKAGE ONLY!
C8 - Specifies 8mm carrier width for tape & reel packaging.
C12 - Specifies 12mm carrier width for tape & reel packaging.
Blank - Carrier width can be 12mm [typical] or 8mm.
Reference Tape & Reel Information table for packaging details for other package outlines.
PACKAGE CODE
X = zero ohm jumper
Matte Sn Finish
For Resistance Value <100 ohm
“R” indicates decimal on values less than 100 ohms.
ex. 49R9 = 49.9 ohm
4 Digit Resistor Code (For 1% tolerance only)
The first three digits are significant and fourth digit is multiplier.
1st, 2nd and 3rd Digit is the value. 4th Digit is number of zeros.
ex. 1001 = 1000 ohm = 1k ohm
ex. 6802 = 68000 ohm = 68k ohm
RESISTOR CODE
See Table Page 2
101
TOLERANCE
J
PART CODE
See Available Package
Outlines Page 3
P
742C083
RoHS COMPLIANT
J = ± 5% (Standard) 3-digit code
(Available for 740-746 Series)
G and F tolerance for 740X043, please consult factory.
G = ± 2% 3-digit code
(Available for 741-745 Series only except for 741X163,
745X101 and 745X102)
F = ± 1% 4-digit code
(Available for 741-745 Series only except for 745X101 and
745X102)
3 Digit Resistor Code (For 5% and 2% tolerance only)
1st and 2nd Digit is the value. 3rd Digit is number of zeros.
ex. 102 = 1000 ohm = 1k ohm
ex. 683 = 68000 ohm = 68k ohm
Part Number Examples
4-Digit Code
J (±5%)
G (±2%)
F (±1%)
10 Ohm
742C083100JP
742C083100GP
742C08310R0FP
49.9 Ohm
Not Available
Not Available
742C08349R9FP
120 Ohm
742C083121JP
742C083121GP
742C0831200FP
1K Ohm
742C083102JP
742C083102GP
742C0831001FP
68 Kohm
742C083683JP
742C083683GP
742C0836802FP
3-Digit Code
Value\Tolerance
Contact your local CTS Representative or CTS Customer Service for availability.
Not all performance combinations and resistor values may be available.


同様の部品番号 - 742C08349R9FP

メーカー部品番号データシート部品情報
logo
CTS Corporation
742C08349R9FP CTS-742C08349R9FP Datasheet
185Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
185Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C08349R9FP CTS-742C08349R9FP Datasheet
182Kb / 4P
   Chip Resistor Arrays
More results

同様の説明 - 742C08349R9FP

メーカー部品番号データシート部品情報
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
Recom International Pow...
RKE-H RECOM-RKE-H Datasheet
256Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-HC49SMD SUNTAN-TSQ-HC49SMD Datasheet
226Kb / 1P
   Low cost
logo
MAKO SEMICONDUCTOR CO.,...
ZMM2V4 MAKOSEMI-ZMM2V4 Datasheet
208Kb / 2P
   Low cost
logo
CTS Corporation
743C083103JP CTS-743C083103JP Datasheet
182Kb / 4P
   Low Cost
744C083104JP CTS-744C083104JP Datasheet
182Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-3225SMD SUNTAN-TSQ-3225SMD Datasheet
279Kb / 1P
   Low cost
logo
NXP Semiconductors
68HC705E1 NXP-68HC705E1 Datasheet
3Mb / 60P
   Low cost
REV 2.0
logo
Suntan Capacitors
TSQ-5032SMD SUNTAN-TSQ-5032SMD Datasheet
250Kb / 1P
   Low cost
TSQ-HC49U SUNTAN-TSQ-HC49U Datasheet
316Kb / 1P
   Low cost
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com