データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1992 データシート(PDF) 4 Page - Analog Devices

部品番号 AD1992
部品情報  Audio Switching Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1992 データシート(HTML) 4 Page - Analog Devices

  AD1992_15 Datasheet HTML 1Page - Analog Devices AD1992_15 Datasheet HTML 2Page - Analog Devices AD1992_15 Datasheet HTML 3Page - Analog Devices AD1992_15 Datasheet HTML 4Page - Analog Devices AD1992_15 Datasheet HTML 5Page - Analog Devices AD1992_15 Datasheet HTML 6Page - Analog Devices AD1992_15 Datasheet HTML 7Page - Analog Devices AD1992_15 Datasheet HTML 8Page - Analog Devices AD1992_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1992
Rev. 0 | Page 4 of 20
Table 5. Power Supplies
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG SUPPLY, AVDD
4.5
5.0
5.5
V
DIGITAL SUPPLY, DVDD
4.5
5.0
5.5
V
POWER TRANSISTOR SUPPLY, PVDD
6.5
8 to 20
22.5
V
RESET/POWER-DOWN CURRENT
RESET held low
AVDD
0.6
1
μA
5 V
DVDD
7.5
11
μA
5 V
PVDD
19
40
μA
12 V
QUIESCENT CURRENT
Inputs grounded, nonoverlap = minimum
AVDD
20
mA
5 V
DVDD
5.5
mA
5 V
PVDD
30
mA
12 V
OPERATING CURRENT
VIN = 1 V rms, RL = 6 Ω, PO = 1 W
AVDD
20
27
mA
5 V
DVDD
5.5
7
mA
5 V
PVDD
218
260
mA
12 V
Table 6. Digital I/O
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT LOGIC HIGH
2.0
V
INPUT LOGIC LOW
0.8
V
OUTPUT LOGIC HIGH
2.4
V
@ 4 mA
OUTPUT LOGIC LOW
0.4
V
@ 4 mA
LEAKAGE CURRENT ON DIGITAL OUTPUTS
10
μA
Table 7. Digital Timing
Parameter
Typ
Unit
Test Conditions/Comments
tMD
10
μs
Delay after MUTE is asserted until output stops switching
tUD
34
μs
Delay after MUTE is deasserted until output starts switching
MUTE
OUTx
tUD
tMD
Figure 2. Mute and Unmute Delay Timing


同様の部品番号 - AD1992_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1992ACPZ AD-AD1992ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1992ACPZ AD-AD1992ACPZ Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992ACPZRL AD-AD1992ACPZRL Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992ACPZRL7 AD-AD1992ACPZRL7 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
More results

同様の説明 - AD1992_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com