データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX85C9V1 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BZX85C9V1
部品情報  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C9V1 データシート(HTML) 1 Page - Vishay Siliconix

  BZX85C9V1 Datasheet HTML 1Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 2Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 3Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 4Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 5Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZX85-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 02-Jun-14
1
Document Number: 85607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes
FEATURES
• Silicon planar power Zener diodes
• For use in stabilizing and clipping circuits with
high power rating
• The Zener voltages are graded according to the
international E 24 standard. Replace suffix “C”
with “B” for ± 2 % tolerance
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Voltage stabilization
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.7 to 100
V
Test current IZT
2.7 to 80
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER
QUANTITY
BZX85-series
BZX85-series-TR
5000 (52 mm tape on 13" reel)
25 000/box
BZX85-series
BZX85-series-TAP
5000 per ammopack
(52 mm tape)
25 000/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
DO-41
310 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Valid provided that leads at a distance of 4 mm
from case are kept at ambient temperature
Ptot
1300
mW
Zener current
See Table “Electrical characteristics”
Junction to ambient air
Valid provided that leads at a distance of 4 mm
from case are kept at ambient temperature
RthJA
110
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-55 to +175
°C


同様の部品番号 - BZX85C9V1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZX85C9V1 VISHAY-BZX85C9V1 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C9V1 RECTRON-BZX85C9V1 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C9V1 CDIL-BZX85C9V1 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C9V1 FAIRCHILD-BZX85C9V1 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C9V1 TSC-BZX85C9V1 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

同様の説明 - BZX85C9V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com