データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5201 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5201
部品情報  256-Position and 33-Position Digital Potentiometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5201 データシート(HTML) 1 Page - Analog Devices

  AD5201_15 Datasheet HTML 1Page - Analog Devices AD5201_15 Datasheet HTML 2Page - Analog Devices AD5201_15 Datasheet HTML 3Page - Analog Devices AD5201_15 Datasheet HTML 4Page - Analog Devices AD5201_15 Datasheet HTML 5Page - Analog Devices AD5201_15 Datasheet HTML 6Page - Analog Devices AD5201_15 Datasheet HTML 7Page - Analog Devices AD5201_15 Datasheet HTML 8Page - Analog Devices AD5201_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5200/AD5201
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
FUNCTIONAL BLOCK DIAGRAM
SER
REG
PWR-ON
PRESET
A
W
B
RDAC
REG
Dx
8/6
CS
CLK
SDI
AD5200/AD5201
VSS
VDD
GND
SHDN
256-Position and 33-Position
Digital Potentiometers
FEATURES
AD5200—256-Position
AD5201—33-Position
10 k , 50 k
3-Wire SPI-Compatible Serial Data Input
Single Supply 2.7 V to 5.5 V or
Dual Supply
2.7 V for AC or Bipolar Operations
Internal Power-On Midscale Preset
APPLICATIONS
Mechanical Potentiometer Replacement
Instrumentation: Gain, Offset Adjustment
Programmable Voltage-to-Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
GENERAL DESCRIPTION
The AD5200 and AD5201 are programmable resistor devices,
with 256 positions and 33 positions respectively, that can be digi-
tally controlled through a 3-wire SPI serial interface. The terms
programmable resistor, variable resistor (VR), and RDAC are
commonly used interchangeably to refer to digital potentiometers.
These devices perform the same electronic adjustment function
as a potentiometer or variable resistor. Both AD5200/AD5201
contain a single variable resistor in the compact
package. Each device contains a fixed wiper resistance at the
wiper contact that taps the programmable resistance at a point
determined by a digital code. The code is loaded in the serial
input register. The resistance between the wiper and either end
point of the programmable resistor varies linearly with respect to
the digital code transferred into the VR latch. Each variable
resistor offers a completely programmable value of resistance,
between the A terminal and the wiper, or the B terminal and the
wiper. The fixed A-to-B terminal resistance of 10 k
Ω or 50 kΩ
has a nominal temperature coefficient of 500 ppm/
°C. The VR
has a VR latch that holds its programmed resistance value. The
VR latch is updated from an SPI-compatible serial-to-parallel
shift register that is loaded from a standard 3-wire serial-input
digital interface. Eight data bits for the AD5200 and six data
bits for the AD5201 make up the data word that is clocked into
the serial input register. The internal preset forces the wiper to
the midscale position by loading 80H and 10H into AD5200 and
AD5201 VR latches respectively. The
SHDN pin forces the
resistor to an end-to-end open-circuit condition on the A terminal
and shorts the wiper to the B terminal, achieving a microwatt
power shutdown state. When
SHDN is returned to logic high,
the previous latch setting puts the wiper in the same resistance
setting prior to shutdown. The digital interface is still active dur-
ing shutdown so that code changes can be made that will produce
a new wiper position when the device is returned from shutdown.
All parts are guaranteed to operate over the extended industrial
temperature range of –40
°C to +85°C.
2012
781/461-3113
MSOP
REV. D


同様の部品番号 - AD5201_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5201BRM10-REEL7 AD-AD5201BRM10-REEL7 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5201BRM50-REEL7 AD-AD5201BRM50-REEL7 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5201BRMZ10 AD-AD5201BRMZ10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ10 AD-AD5201BRMZ10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201BRMZ10-REEL7 AD-AD5201BRMZ10-REEL7 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results

同様の説明 - AD5201_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com