データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5220 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5220
部品情報  Increment Decrement Digital Potentionmeter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5220 データシート(HTML) 9 Page - Analog Devices

Back Button AD5220_15 Datasheet HTML 3Page - Analog Devices AD5220_15 Datasheet HTML 4Page - Analog Devices AD5220_15 Datasheet HTML 5Page - Analog Devices AD5220_15 Datasheet HTML 6Page - Analog Devices AD5220_15 Datasheet HTML 7Page - Analog Devices AD5220_15 Datasheet HTML 8Page - Analog Devices AD5220_15 Datasheet HTML 9Page - Analog Devices AD5220_15 Datasheet HTML 10Page - Analog Devices AD5220_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD5220
–9–
REV.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example connecting A Terminal to +5 V and B Terminal to
ground produces an output voltage at the wiper which can be
any value starting at zero volts up to 1 LSB less than +5 V. Each
LSB of voltage is equal to the voltage applied across terminals
AB divided by the 128-position resolution of the potentiometer
divider. The general equation defining the output voltage with
respect to ground for any given input voltage applied to termi-
nals AB is:
VW(D) = D/128 × VAB + VB
(1)
D represents the current contents of the internal UP/DOWN
counter.
Operation of the digital potentiometer in the divider mode re-
sults in more accurate operation over temperature. Here the
output voltage is dependent on the ratio of the internal resistors,
not the absolute value, therefore, the drift improves to 20 ppm/
°C.
APPLICATIONS INFORMATION
The negative-edge sensitive CLK pin does not contain any
internal debounce circuitry. This standard CMOS logic input
responds to fast negative edges and needs to be debounced
externally with an appropriate circuit designed for the type of
switch closure device being used. Good performance results at
the CLK input pin when the negative logic transition has a
minimum slew rate of 1 V/
µs. A wide variety of standard circuits
can be used such as a one-shot multivibrator, Schmitt Triggered
gates, cross coupled flip-flops, or RC filters to drive the CLK
pin with uniform negative edges. This will prevent the digital
potentiometer from skipping output codes while counting due to
switch contact bounce.
A


同様の部品番号 - AD5220_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5220BN10 AD-AD5220BN10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN100 AD-AD5220BN100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN50 AD-AD5220BN50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
More results

同様の説明 - AD5220_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
JFW Industries, Inc.
50FH-XXX-50 JFW-50FH-XXX-50 Datasheet
26Kb / 1P
   1 through 50 dB in any 1 dB increment
logo
Analog Devices
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com