データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5231BRU100-REEL7 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5231BRU100-REEL7
部品情報  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU100-REEL7 データシート(HTML) 5 Page - Analog Devices

  AD5231BRU100-REEL7 Datasheet HTML 1Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 2Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 3Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 4Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 5Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 6Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 7Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 8Page - Analog Devices AD5231BRU100-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5231
Rev. D | Page 5 of 28
TIMING CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = 3 V to 5.5 V, VSS = 0 V, and −40°C < TA < +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
INTERFACE TIMING CHARACTERISTICS2, 3
Clock Cycle Time (tCYC)
t1
20
ns
CS Setup Time
t2
10
ns
CLK Shutdown Time to CS Rise
t3
1
tCYC
Input Clock Pulse Width
t4, t5
Clock level high or low
10
ns
Data Setup Time
t6
From positive CLK transition
5
ns
Data Hold Time
t7
From positive CLK transition
5
ns
CS to SDO-SPI Line Acquire
t8
40
ns
CS to SDO-SPI Line Release
t9
50
ns
CLK to SDO Propagation Delay4
t10
RP = 2.2 kΩ, CL < 20 pF
50
ns
CLK to SDO Data Hold Time
t11
RP = 2.2 kΩ, CL < 20 pF
0
ns
CS High Pulse Width5
t12
10
ns
CS High to CS High5
t13
4
tCYC
RDY Rise to CS Fall
t14
0
ns
CS Rise to RDY Fall Time
t15
0.1
0.15
ms
Store/Read EEMEM Time6
t16
Applies to instructions 0x2, 0x3, and 0x9
25
ms
Power-On EEMEM Restore Time
tEEMEM1
RAB = 10 kΩ
140
μs
Dynamic EEMEM Restore Time
tEEMEM2
RAB = 10 kΩ
140
μs
WP High or Low to CS Fall Time
t
WP
40
ns
CS Rise to Clock Rise/Fall Setup
t17
10
ns
Preset Pulse Width (Asynchronous)
tPRW
Not shown in timing diagram
50
ns
Preset Response Time to Wiper Setting
tPRESP
PR pulsed low to refresh wiper positions
70
μs
FLASH/EE MEMORY RELIABILITY
Endurance7
100
kCycles
Data Retention8
100
Years
1 Typical values represent average readings at 25°C and VDD = 5 V.
2 Guaranteed by design and not subject to production test.
3 See timing diagrams (Figure 3 and Figure 4) for location of measured values. All input control voltages are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed
from a voltage level of 1.5 V. Switching characteristics are measured using both VDD = 3 V and VDD = 35 V.
4 Propagation delay depends on the value of VDD, RPULL-UP, and CL.
5 Valid for commands that do not activate the RDY pin.
6 RDY pin low only for Instructions 2, 3, 8, 9, 10, and the PR hardware pulse: CMD_2, 3 ~ 20 ms; CMD_8 ~ 1 ms; CMD_9, 10 ~ 0.12 ms. Device operation at TA = −40°C and
VDD < 3 V extends the EEMEM store time to 35 ms.
7 Endurance is qualified to 100,000 cycles per JEDEC Standard 22, Method A117 and measured at −40°C, +25°C, and +85°C; typical endurance at +25°C is 700,000 cycles.
8 Retention lifetime equivalent at junction temperature (TJ) = 55°C per JEDEC Standard 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV
derates with junction temperature, as shown in Figure 45 in the Flash/EEMEM Reliability section.


同様の部品番号 - AD5231BRU100-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

同様の説明 - AD5231BRU100-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com