データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5235 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5235
部品情報  Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5235 データシート(HTML) 9 Page - Analog Devices

Back Button AD5235_15 Datasheet HTML 5Page - Analog Devices AD5235_15 Datasheet HTML 6Page - Analog Devices AD5235_15 Datasheet HTML 7Page - Analog Devices AD5235_15 Datasheet HTML 8Page - Analog Devices AD5235_15 Datasheet HTML 9Page - Analog Devices AD5235_15 Datasheet HTML 10Page - Analog Devices AD5235_15 Datasheet HTML 11Page - Analog Devices AD5235_15 Datasheet HTML 12Page - Analog Devices AD5235_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5235
Rev. F | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SDI
SDO
GND
A1
VSS
W1
CLK
B1
CS
PR
WP
VDD
A2
W2
B2
RDY
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD5235
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Input Register Clock. Shifts in one bit at a time on positive clock edges.
2
SDI
Serial Data Input. Shifts in one bit at a time on positive clock CLK edges. MSB loads first.
3
SDO
Serial Data Output. Serves readback and daisy-chain functions. Command 9 and Command 10 activate the SDO
output for the readback function, delayed by 24 or 25 clock pulses, depending on the clock polarity before and
after the data-word (see Figure 2 and Figure 3). In other commands, the SDO shifts out the previously loaded SDI
bit pattern, delayed by 24 or 25 clock pulses depending on the clock polarity (see Figure 2 and Figure 3). This
previously shifted out SDI can be used for daisy-chaining multiple devices. Whenever SDO is used, a pull-up
resistor in the range of 1 kΩ to 10 kΩ is needed.
4
GND
Ground Pin, Logic Ground Reference.
5
VSS
Negative Supply. Connect to 0 V for single-supply applications. If VSS is used in dual supply, it must be able to sink
2 mA for 15 ms when storing data to EEMEM.
6
A1
Terminal A of RDAC1.
7
W1
Wiper terminal of RDAC1. ADDR (RDAC1) = 0x0.
8
B1
Terminal B of RDAC1.
9
B2
Terminal B of RDAC2.
10
W2
Wiper terminal of RDAC2. ADDR (RDAC2) = 0x1.
11
A2
Terminal A of RDAC2.
12
VDD
Positive Power Supply.
13
WP
Optional Write Protect. When active low, WP prevents any changes to the present contents, except PR strobe.
CMD_1 and COMD_8 refresh the RDAC register from EEMEM. Tie WP to VDD, if not used.
14
PR
Optional Hardware Override Preset. Refreshes the scratchpad register with current contents of the EEMEM
register. Factory default loads midscale until EEMEM is loaded with a new value by the user. PR is activated
at the logic high transition. Tie PR to VDD, if not used.
15
CS
Serial Register Chip Select Active Low. Serial register operation takes place when CS returns to logic high.
16
RDY
Ready. Active high open-drain output. Identifies completion of Instruction 2, Instruction 3, Instruction 8,
Instruction 9, Instruction 10, and PR.


同様の部品番号 - AD5235_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRU25 AD-AD5235BRU25 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU25-EP-RL7 AD-AD5235BRU25-EP-RL7 Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRU250 AD-AD5235BRU250 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
More results

同様の説明 - AD5235_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com