データシートサーチシステム |
|
TP0C31BH データシート(PDF) 3 Page - Intel Corporation |
|
TP0C31BH データシート(HTML) 3 Page - Intel Corporation |
3 / 16 page AUTOMOTIVE 80C31BH80C51BH87C51 80C31BH80C51BH87C51 PRODUCT OPTIONS Intel’s extended and automotive temperature range products are designed to meet the needs of those applications whose operating requirements exceed commercial standards With the extended temperature range option opera- tional characteristics are guaranteed over the tem- perature range of b40 Cto a85 C ambient For the automotive temperature range option operational characteristics are guaranteed over the temperature range of b40 Cto a125 C ambient The automotive and extended temperature versions of the MCS 51 microcontroller product families are available with or without burn-in options as listed in Table 1 As shown in Figure 2 temperature burn-in and package options are identified by a one- or two-letter prefix to the part number 270419 – 2 Example AN80C51 indicates an automotive temperature range version of the 80C51 in a PLCC package with 4 Kbyte ROM program memory Figure 2 MCS 51 Microcontroller Product Family Nomenclature Table 1 Temperature Options Temperature Temperature Operating Burn-In Classification Designation Temperature Options C Ambient Extended T b 40 to a85 Standard L b 40 to a85 Extended Automotive A b 40 toa125 Standard B b 40 toa125 Extended 3 |
同様の部品番号 - TP0C31BH |
|
同様の説明 - TP0C31BH |