データシートサーチシステム |
|
AD5317 データシート(PDF) 1 Page - Analog Devices |
|
AD5317 データシート(HTML) 1 Page - Analog Devices |
1 / 28 page 2.5 V to 5.5 V, 400 μA, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP AD5307/AD5317/AD5327 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES AD5307: 4 buffered 8-bit DACs in 16-lead TSSOP A version: ±1 LSB INL; B version: ±0.625 LSB INL AD5317: 4 buffered 10-bit DACs in 16-lead TSSOP A version: ±4 LSB INL; B version: ±2.5 LSB INL AD5327: 4 buffered 12-bit DACs in 16-lead TSSOP A version: ±16 LSB INL; B version: ±10 LSB INL Low power operation: 400 μA @ 3 V, 500 μA @ 5 V 2.5 V to 5.5 V power supply Guaranteed monotonic by design over all codes Power down to 90 nA @ 3 V, 300 nA @ 5 V (LDAC pin) Double-buffered input logic Buffered/unbuffered reference input options Output range: 0 V to VREF or 0 V to 2 VREF Power-on reset to 0 V Simultaneous update of outputs (LDAC pin) Asynchronous clear facility (CLR pin) Low power, SPI®-, QSPI™-, MICROWIRE™-, and DSP- compatible 3-wire serial interface SDO daisy-chaining option On-chip rail-to-rail output buffer amplifiers Temperature range of −40°C to +105°C APPLICATIONS Portable battery-powered instruments Digital gain and offset adjustment Programmable voltage and current sources Programmable attenuators Industrial process control GENERAL DESCRIPTION The AD5307/AD5317/AD53271 are quad 8-,10-,12-bit buffered voltage-output DACs in 16-lead TSSOP that operate from single 2.5 V to 5.5 V supplies and consume 400 μA at 3 V. Their on- chip output amplifiers allow the outputs to swing rail-to-rail with a slew rate of 0.7 V/μs. The AD5307/AD5317/AD5327 utilize versatile 3-wire serial interfaces that operate at clock rates up to 30 MHz; these parts are compatible with standard SPI, QSPI, MICROWIRE, and DSP interface standards. The references for the four DACs are derived from two reference pins (one per DAC pair). These reference inputs can be configured as buffered or unbuffered inputs. Each part incorporates a power- on reset circuit, ensuring that the DAC outputs power up to 0 V and remain there until a valid write to the device takes place. There is also an asynchronous active low CLR pin that clears all DACs to 0 V. The outputs of all DACs can be updated simul- taneously using the asynchronous LDAC input. Each part contains a power-down feature that reduces the current consumption of the device to 300 nA @ 5 V (90 nA @ 3 V). The parts can also be used in daisy-chaining applications using the SDO pin. All three parts are offered in the same pinout, allowing users to select the amount of resolution appropriate for their application without redesigning their circuit board. FUNCTIONAL BLOCK DIAGRAM VDD VREFAB VREFCD POWER-ON RESET POWER-DOWN LOGIC GND AD5307/AD5317/AD5327 LDAC PD LDAC CLR DCEN SDO DIN SYNC SCLK BUFFER BUFFER BUFFER BUFFER INPUT REGISTER DAC REGISTER STRING DAC D INPUT REGISTER DAC REGISTER STRING DAC C INPUT REGISTER DAC REGISTER STRING DAC B INPUT REGISTER DAC REGISTER STRING DAC A VOUTD VOUTC VOUTB VOUTA GAIN-SELECT LOGIC INTERFACE LOGIC Figure 1. 1 Protected by U.S. Patent No. 5,969,657; other patents pending. |
同様の部品番号 - AD5317_15 |
|
同様の説明 - AD5317_15 |