データシートサーチシステム |
|
AD5338 データシート(PDF) 5 Page - Analog Devices |
|
AD5338 データシート(HTML) 5 Page - Analog Devices |
5 / 28 page AD5337/AD5338/AD5339 Rev. C | Page 5 of 28 AC CHARACTERISTICS VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 2. A Version and B Version1 Parameter2, 3 Min Typ Max Unit Conditions/Comments Output Voltage Settling Time VREF = VDD = 5 V AD5337 6 8 μs 1/4 scale to 3/4 scale change (0x40 to 0xC0) AD5338 7 9 μs 1/4 scale to 3/4 scale change (0x100 to 0x300) AD5339 8 10 μs 1/4 scale to 3/4 scale change (0x400 to 0xC00) Slew Rate 0.7 V/μs Major Code Transition Glitch Energy 12 nV-s 1 LSB change around major carry Digital Feedthrough 1 nV-s Digital Crosstalk 1 nV-s DAC-to-DAC Crosstalk 3 nV-s Multiplying Bandwidth 200 kHz VREF = 2 V ± 0.1 V p-p Total Harmonic Distortion −70 dB VREF = 2.5 V ± 0.1 V p-p, frequency = 10 kHz 1 Temperature range for A version and B version: −40°C to +105°C; typical at 25°C. 2 Guaranteed by design and characterization; not production tested. 3 See the Terminology section for explanations of the specific parameters. |
同様の部品番号 - AD5338_15 |
|
同様の説明 - AD5338_15 |