データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5520 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5520
部品情報  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5520 データシート(HTML) 6 Page - Analog Devices

Back Button AD5520_15 Datasheet HTML 2Page - Analog Devices AD5520_15 Datasheet HTML 3Page - Analog Devices AD5520_15 Datasheet HTML 4Page - Analog Devices AD5520_15 Datasheet HTML 5Page - Analog Devices AD5520_15 Datasheet HTML 6Page - Analog Devices AD5520_15 Datasheet HTML 7Page - Analog Devices AD5520_15 Datasheet HTML 8Page - Analog Devices AD5520_15 Datasheet HTML 9Page - Analog Devices AD5520_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5520
Rev. B | Page 6 of 24
TIMING CHARACTERISTICS
AVCC = +15 V ± 5%, AVEE = −15 V ± 5%, AGND = 0 V, REFGND = 0 V, DGND = 0 V. All specifications 0°C to 70°C, unless otherwise
noted.1, 2
Table 2.
DVDD
Parameter
5 V ± 10%
3.3 V
Unit
Conditions/Comments
t1
0
0
ns min
CS falling edge to STB falling edge setup time
t2
30
200
ns min
STB pulse width
t3
40
70
ns min
STB rising edge to CS rising edge setup time
t4
0
40
ns min
Data setup time
t5
550
560
ns min
CS falling edge to CPCK rising edge setup time
t6
320
320
ns min
CPCK pulse width
t7
450
500
ns min
CPCK to STB falling edge setup time
t8
150
800
ns min
STB rising edge to QMx, CLxDETECT valid
t9
100
440
ns min
STB rising edge to CPOH, CPOL valid
t10
240
240
μs min
Comparator setup time, MODE2, MODE3 settling
t11
150
500
ns min
Comparator hold time
t12
100
440
ns min
Comparator output delay time
t13
320
320
ns min
Comparator strobe pulse width
1 See Figure 2.
2 All input signals are specified with tr = tf = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
CPCK
AMx, ACx, FSEL,
MSEL, CPSEL
CS
QM4, QM5,
CLHDETECT,
CLLDETECT
CPOL, CPOH
STB
t2
t1
t3
t6
t5
t7
t4
t6
t9
Figure 2. Timing Diagram
CPCK
CPOH, CPOL
MEASVOUT
OR MEASIOUT
t11
t12
t10
t13
Figure 3. Comparator Timing


同様の部品番号 - AD5520_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results

同様の説明 - AD5520_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com