データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5532HS データシート(PDF) 3 Page - Analog Devices

部品番号 AD5532HS
部品情報  32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5532HS データシート(HTML) 3 Page - Analog Devices

  AD5532HS_15 Datasheet HTML 1Page - Analog Devices AD5532HS_15 Datasheet HTML 2Page - Analog Devices AD5532HS_15 Datasheet HTML 3Page - Analog Devices AD5532HS_15 Datasheet HTML 4Page - Analog Devices AD5532HS_15 Datasheet HTML 5Page - Analog Devices AD5532HS_15 Datasheet HTML 6Page - Analog Devices AD5532HS_15 Datasheet HTML 7Page - Analog Devices AD5532HS_15 Datasheet HTML 8Page - Analog Devices AD5532HS_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
AD5532HS
(VDD = +4.75 V to +12 V, VSS = –4.75 V to –12 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V; AGND =
DGND = DAC_GND = 0 V; REF_IN = 2.5 V; All outputs unloaded. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
1, 2
A Version
3
Unit
Conditions/Comments
Output Voltage Settling Time
4
10
µs max
100 pF, 5 k
Ω Load; Full-Scale Change
Slew Rate
0.85
V/
µs typ
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change around Major Carry
Digital Crosstalk
5
nV-s typ
Analog Crosstalk
1
nV-s typ
Digital Feedthrough
0.2
nV-s typ
Output Noise Spectral Density @ 1 kHz
170
nV/
√Hz typ
NOTES
1See Terminology
2Guaranteed by design and characterization, not production tested
3B Version: Industrial temperature range –40
°C to +85°C.
4Timed from the end of a write sequence.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
Limit at TMIN, TMAX
Parameter
1, 2, 3
(A Version)
Unit
Conditions/Comments
fUPDATE
1.1
MHz max
Channel Update Rate
fCLKIN
30
MHz max
SCLK Frequency
t1
13
ns min
SCLK High Pulsewidth
t2
13
ns min
SCLK Low Pulsewidth
t3
15
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time
t4
50
ns min
SYNC Low Time
t5
10
ns min
SYNC High Time
t6
10
ns min
DIN Setup Time
t7
5
ns min
DIN Hold Time
t8
280
ns min
19th SCLK Falling Edge to SYNC Falling Edge for Next Write
t9
20
ns min
RESET Pulsewidth
NOTES
1See Timing Diagrams in Figure 1.
2Guaranteed by design and characterization, not production tested.
3All input signals are specified with t
R = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of (VIL + VIH)/2.
Specifications subject to change without notice.
AC CHARACTERISTICS
(VDD = +4.75 V to +12 V, VSS = –4.75 V to –12 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V;
AGND = DGND = DAC_GND = 0 V; All specifications TMIN to TMAX unless otherwise noted.)
1
23
45
t1
t2
t3
t4
LSB
t6
t7
16
17
18
19
MSB
SCLK
SYNC
DIN
t8
1
t9
RESET
t5
Figure 1. Serial Interface Timing Diagram


同様の部品番号 - AD5532HS_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5532HSABC AD-AD5532HSABC Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
More results

同様の説明 - AD5532HS_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5532HS AD-AD5532HS Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
   9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com