データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ78CA データシート(PDF) 3 Page - Diodes Incorporated

部品番号 SMAJ78CA
部品情報  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ78CA データシート(HTML) 3 Page - Diodes Incorporated

  SMAJ78CA Datasheet HTML 1Page - Diodes Incorporated SMAJ78CA Datasheet HTML 2Page - Diodes Incorporated SMAJ78CA Datasheet HTML 3Page - Diodes Incorporated SMAJ78CA Datasheet HTML 4Page - Diodes Incorporated SMAJ78CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAJ5.0(C)A – SMAJ200(C)A
Document number: DS19005 Rev. 16 - 2
3 of 5
www.diodes.com
January 2012
© Diodes Incorporated
SMAJ5.0(C)A – SMAJ200(C)A
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
10
100
1,000
10,000
1
10
100
1,000
V
, STANDOFF VOLTAGE (V)
Fig. 2 Typical Total Capacitance
WM
T = 25 C
J
°
Unidirectional
Bidirectional
Measured at
f = 1MHz
1.0Vrms
dc
signal
Bias = 0V
0.1
1.0
0.1
10
100
1.0
10
1,000
10,000
T = 25 C
j
°
100
Non repetitive
pulse waveform
shown in Fig. 4
t, TIME (ms)
Fig. 4 Pulse Waveform
0
60
50
40
30
20
10
2
5
10
NUMBER OF CYCLES AT 60Hz
Fig. 5 Maximum Non-Repetitive Surge Current
20
50
100
1
0.0
0.2
0.4
0.6
0
25
50
75
100
125
150
175
200
T , LEAD TEMPERATURE ( C)
Fig. 6 Steady State Power Derating Curve
L
°
0.8
1.0


同様の部品番号 - SMAJ78CA

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
SMAJ78CA ZOWIE-SMAJ78CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ78CA BYTES-SMAJ78CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ78CA ZSELEC-SMAJ78CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotech Company.
SMAJ78CA DIOTECH-SMAJ78CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMAJ78CA WEEN-SMAJ78CA Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
More results

同様の説明 - SMAJ78CA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com