データシートサーチシステム |
|
7429FCT52DTPYB データシート(PDF) 1 Page - Integrated Device Technology |
|
7429FCT52DTPYB データシート(HTML) 1 Page - Integrated Device Technology |
1 / 8 page Integrated Device Technology, Inc. FAST CMOS OCTAL REGISTERED TRANSCEIVERS IDT29FCT52AT/BT/CT/DT IDT29FCT2052AT/BT/CT IDT29FCT53AT/BT/CT 1 The IDT logo is a registered trademark of Integrated Device Technology, Inc. FEATURES: • Common features: – Low input and output leakage ≤1µA (max.) – CMOS power levels – True TTL input and output compatibility – VOH = 3.3V (typ.) – VOL = 0.3V (typ.) – Meets or exceeds JEDEC standard 18 specifications – Product available in Radiation Tolerant and Radiation Enhanced versions – Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked) – Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages • Features for 29FCT52/29FCT53T: – A, B, C and D speed grades – High drive outputs (-15mA IOH, 64mA IOL) – Power off disable outputs permit “live insertion” • Features for 29FCT2052T: – A, B and C speed grades – Resistor outputs (-15mA IOH, 12mA IOL Com.) (-12mA IOH, 12mA IOL Mil.) – Reduced system switching noise DESCRIPTION: The IDT29FCT52AT/BT/CT/DT and IDT29FCT53AT/BT/ CT are 8-bit registered transceivers built using an advanced dual metal CMOS technology. Two 8-bit back-to-back regis- ters store data flowing in both directions between two bidirec- tional buses. Separate clock, clock enable and 3-state output enable signals are provided for each register. Both A outputs and B outputs are guaranteed to sink 64mA. The IDT29FCT52AT/BT/CT/DT and IDT29FCT2052AT/BT/ CT are non-inverting options of the IDT29FCT53AT/BT/CT. The IDT29FCT2052AT/BT/CT has balanced drive outputs with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall times-reducing the need for external series terminating resistors. The IDT29FCT2052T part is a plug-in replacement for IDT29FCT52T part. FUNCTIONAL BLOCK DIAGRAM (1) CPA A0 2629 drw 01 CEA A1 A2 A3 A4 A5 A6 A7 B0 OEB B1 B2 B3 B4 B5 B6 B7 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 D0 D1 D2 D3 D4 D5 D6 D7 CE CP A Reg. D0 D1 D2 D3 D4 D5 D6 D7 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CE CP B Reg. OEA CPB CEB NOTE: 1. IDT29FCT52T/IDT29FCT2052T function is shown. IDT29FCT53T is the inverting option. MILITARY AND COMMERCIAL TEMPERATURE RANGES JUNE 1995 ©1995 Integrated Device Technology, Inc. 6.1 DSC-4224/5 |
同様の部品番号 - 7429FCT52DTPYB |
|
同様の説明 - 7429FCT52DTPYB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |