データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3430DV-T1-GE3 データシート(PDF) 7 Page - Vishay Siliconix

部品番号 SI3430DV-T1-GE3
部品情報  N-Channel 100-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3430DV-T1-GE3 データシート(HTML) 7 Page - Vishay Siliconix

  SI3430DV-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI3430DV-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN823
Vishay Siliconix
www.vishay.com
2
Document Number: 71743
27-Feb-04
255 − 260_C
1X4_C/s (max)
3-6_C/s (max)
10 s (max)
Reflow Zone
Pre-Heating Zone
3_C/s (max)
140 − 170_C
Maximum peak temperature at 240_C is allowed.
FIGURE 3.
Solder Reflow Temperature and Time Durations
60-120 s (min)
217_C
60 s (max)
THERMAL PERFORMANCE
A basic measure of a device’s thermal performance is the
junction-to-case
thermal
resistance,
Rqjc,
or
the
junction-to-foot thermal resistance, Rqjf. This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which the
device is mounted. Table 1 shows the thermal performance
of the TSOP-6.
TABLE 1.
Equivalent Steady State Performance—TSOP-6
Thermal Resistance Rqjf
30_C/W
SYSTEM AND ELECTRICAL IMPACT OF
TSOP-6
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 4).
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.1 A
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
FIGURE 4.
Si3434DV


同様の部品番号 - SI3430DV-T1-GE3

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SI3430DV-T1-GE3 VBSEMI-SI3430DV-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI3430DV-T1-GE3 VISHAY-SI3430DV-T1-GE3 Datasheet
239Kb / 10P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI3430DV-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com