データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3717TRPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF3717TRPBF
部品情報  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3717TRPBF データシート(HTML) 1 Page - International Rectifier

  IRF3717TRPBF Datasheet HTML 1Page - International Rectifier IRF3717TRPBF Datasheet HTML 2Page - International Rectifier IRF3717TRPBF Datasheet HTML 3Page - International Rectifier IRF3717TRPBF Datasheet HTML 4Page - International Rectifier IRF3717TRPBF Datasheet HTML 5Page - International Rectifier IRF3717TRPBF Datasheet HTML 6Page - International Rectifier IRF3717TRPBF Datasheet HTML 7Page - International Rectifier IRF3717TRPBF Datasheet HTML 8Page - International Rectifier IRF3717TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
8/10/04
IRF3717PbF
HEXFET® Power MOSFET
Notes
 through „ are on page 10
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
PD - 95719
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient
f
–––
50
-55 to + 150
2.5
0.02
1.6
Max.
20
16
160
± 20
20
Applications
l Synchronous MOSFET for Notebook
Processor Power
l Synchronous Rectifier MOSFET for
Isolated DC-DC Converters in
Networking Systems
l Lead-Free
VDSS
RDS(on) max
ID
20V
4.4m
:@V
GS = 10V
20A


同様の部品番号 - IRF3717TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3717TRPbF-1 IRF-IRF3717TRPbF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results

同様の説明 - IRF3717TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com