データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF5803D2TRPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRF5803D2TRPBF
部品情報  Co-packaged HEXFET Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF5803D2TRPBF データシート(HTML) 3 Page - International Rectifier

  IRF5803D2TRPBF Datasheet HTML 1Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 2Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 3Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 4Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 5Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 6Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 7Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 8Page - International Rectifier IRF5803D2TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF5803D2PbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs.Temperature
-
Power Mosfet Characteristics
0.1
1
10
100
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
= -25V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-3.4A
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-15V
-10V
-4.5V
-3.7V
-3.5V
-3.3V
-3.0V
BOTTOM - 2.7V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 125°C
VGS
TOP
-15V
-10V
-4.5V
-3.7V
-3.5V
-3.3V
-3.0V
BOTTOM - 2.7V


同様の部品番号 - IRF5803D2TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
   FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRF5803D2PBF IRF-IRF5803D2PBF Datasheet
143Kb / 11P
   FETKY 짰MOSFET & Schottky Diode
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
More results

同様の説明 - IRF5803D2TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Co-packaged HEXFET Power
IRF7526D1TRPBF IRF-IRF7526D1TRPBF Datasheet
151Kb / 10P
   Co-packaged HEXFET짰Power MOSFET and Schottky Diode
IRF7523D1PBF IRF-IRF7523D1PBF Datasheet
185Kb / 10P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
IRF7526D1TR IRF-IRF7526D1TR Datasheet
126Kb / 8P
   Co-packaged HEXFET횘 Power MOSFET and Schottky Diode
IRF7521D1PBF IRF-IRF7521D1PBF Datasheet
199Kb / 8P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
logo
Rohm
SCH2080KE ROHM-SCH2080KE Datasheet
493Kb / 13P
   N-channel SiC power MOSFET co-packaged with SiC-SBD
logo
International Rectifier
IRF7807VD1TR IRF-IRF7807VD1TR Datasheet
135Kb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and Schottky Diode
IRF7807VD1TRPBF IRF-IRF7807VD1TRPBF Datasheet
1Mb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and schottky diode
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7901D1 IRF-IRF7901D1 Datasheet
256Kb / 8P
   Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com